Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GTL2003 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce GTL2003
Description  Smart, simple solutions for the 12 most common design concerns
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2003 Fiches technique(HTML) 3 Page - NXP Semiconductors

  GTL2003 Datasheet HTML 1Page - NXP Semiconductors GTL2003 Datasheet HTML 2Page - NXP Semiconductors GTL2003 Datasheet HTML 3Page - NXP Semiconductors GTL2003 Datasheet HTML 4Page - NXP Semiconductors GTL2003 Datasheet HTML 5Page - NXP Semiconductors GTL2003 Datasheet HTML 6Page - NXP Semiconductors GTL2003 Datasheet HTML 7Page - NXP Semiconductors GTL2003 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NXP’s I2C peripherals portfolio is grouped into twelve families, one for each of the most common, everyday design
concerns.
General Purpose Input Output
(GPIO) expanders
Add different types
of inputs and outputs
Sensors and voltage
management
Digital temperature information
Clocks / RTCs
Digital time and/or calendar
Blinkers, dimmers,
drivers
For complete LED
control, including
LCD backlighting
I2C-controlled DIP switches
EEROMs / RAM combined with
general-purpose outputs
Intelligent Stepper Motor
Controllers
Easy and versatile control
Capacitive Sensor
Switch action without contact
Black-and-white LCD display drivers
Monochrome, character, shapes, dots
Tiny serial ADCs / DACs
Analog control and audio
Bus buffers and
voltage translators
Extenders, hubs, and repeaters
to support extra devices, longer
distances, bus-voltage translation,
or hazardous conditions
Bridge ICs,
bus controllers
Add extra, fully
featured I2C masters
More information
www.nxp.com/interface
Multiplexers and switches
Add advanced I2C networking
to allow more devices, backup,
hot-swap



Html Pages

1 2 3 4 5 6 7 8