Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GTL2000 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce GTL2000
Description  Smart, simple solutions for the 12 most common design concerns
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2000 Fiches technique(HTML) 7 Page - NXP Semiconductors

  GTL2000 Datasheet HTML 1Page - NXP Semiconductors GTL2000 Datasheet HTML 2Page - NXP Semiconductors GTL2000 Datasheet HTML 3Page - NXP Semiconductors GTL2000 Datasheet HTML 4Page - NXP Semiconductors GTL2000 Datasheet HTML 5Page - NXP Semiconductors GTL2000 Datasheet HTML 6Page - NXP Semiconductors GTL2000 Datasheet HTML 7Page - NXP Semiconductors GTL2000 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Our I2C-bus website (www.nxp.com/interface)
is a valuable resource for device
information and training programs.
It gives you direct access to a comprehensive
handbook, application notes, information
about evaluation kits and training
materials, links to application and
design support, and more.
The I2C Fm+ development board
and daughter cards make it easy to
program new peripherals and are a quick
way to learn about the I2C-bus protocol.
OM13320 Fm+ Demonstration Kit which includes
the OM13260 Fm+ Development Board with two
OM13303 GPIO Target Boards and one each of
the OM13243 PCA9555 GPIO 16-bit and OM13257
LM75B Thermal Sensor daughter boards
OM6275
I²C 2005-1 evaluation board
OM6277
PCA9564 evaluation board
OM6293
PCA9600 daughter card for I²C 2005-1
OM6276
PCA9633 demo board
OM13285 PCA9629 stepper motor
demonstration board
OM11057 PCF8885/86 touch switch
with PCF8536 LCD/LED driver
Demo boards
e-Tools
OM6270
SPI/I2C-to-UART bridge demo (SC16IS750)
OM6271
SPI-to-I2C-master bridge demo (SC18IS600)
OM6272
UART-to-I2C-master bridge demo (SC18IM700)
OM6273
SPI/I2C-to-DUART/IrDA/GPIO demo (SC16IS752)
OM6274
I2C-to-SPI-master bridge demo (SC18IS602)
OM6275
I2C 2005-1 evaluation board
OM6276
PCA9633 demo board
OM6277
PCA9564 evaluation board
OM6278
I2C 2002-1A evaluation board
OM6281
PCA9698 daughter card for I2C 2005-1
OM6282
PCA9633 daughter card for I2C 2005-1
OM6285
I2C 2002-1A evaluation board without PC controller
board
OM6290
LCD driver evaluation board: PCF8576D, PCF2119,
PCF8531, PCA9633
OM6292
PCA21125, PCF8562 demoboard
OM6293
PCA9600 daughter card for I2C 2005-1
OM6297
PCF2123, PCF8562 demoboard
OM11051
PCF2127A demo board
OM11057
PCF8885/86 capacitive sensor and PCF8536
LCD/LED driver 
OM13260
I2C Fm+ development board (RoHS)
OM13243
PCA9555 daughter card (RoHS)
OM13243
GPIO target board (RoHS)
OM13257
LM75B daughter card (RoHS)
OM13285  
PCA9629 demo board
OM13320
I2C Fm+ development kit (RoHS)
OM6278
I²C 2002-1A evaluation board



Html Pages

1 2 3 4 5 6 7 8