| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8574TS Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574TS Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 12 page ![]() UM10206 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. User manual Rev. 01 — 13 June 2006 9 of 12 Philips Semiconductors UM10206 I2C Demonstration Board 2005-1 Quick Start Guide • The self check routine selected through “Device Training Board Self Test” allows a thorough self test to be performed (device, electrical connection and visual check). You can save the results of the test in a log file. 8. Upgrades and experimentation Refer to the UM10207 User Manual for more details on the Win-I2CUSB Lite Software and programming of different I2C-bus devices. 9. I2C Demonstration Board 2005-1 upgrades You can purchase a full version of the GUI, called a Win-I2CUSBDLL kit from The Boardshop (details are available on the website: www.semiconductors.philips.com/products/interface_control/i2c). The microcontroller included operates over the entire address range for all devices with a more powerful universal mode if you need to communicate with devices or addresses not supported by the Win-I2C Lite software. The full version of the GUI is incompatible with the Demonstration Board USB-to-I2C-bus-microcontroller. You can make the GUI work with any Demonstration Board if you remove the microcontroller from the Win-I2CUSBDLL kit USB based I2C-bus hardware adapter v2 card and insert it into the microcontroller socket on the Demonstration Board. Periodically daughter cards of new devices will become available and new GUIs generated for these devices. Alternatively existing GUIs will be enhanced based on operator feedback. The Win-I2CUSB Lite and Win-I2CUSBDLL kit software includes an automatic update feature which keeps the software updated to most current GUIs. |