| Moteur de recherche de fiches techniques de composants électroniques |
|
MF-PSMF035X Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-PSMF035X Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 3 page ![]() “freeXpansion Design” is a trademark of Bourns, Inc. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. MF-PSMF Series - PTC Resettable Fuses MF-PSMF SERIES, REV. M, 05/11 160–220 300 250 200 150 100 50 0 10–20 120 Preheating Soldering Cooling Time (seconds) Solder Reflow Recommendations Notes: • MF-NSMF models cannot be wave soldered. Please contact Bourns for hand soldering recommendations. • If reflow temperatures exceed the recommended profile, devices may not meet the performance requirements. • Compatible with Pb and Pb-free solder reflow profiles. • Excess solder may cause a short circuit, especially during hand soldering. Please refer to the Multifuse® Polymer PTC Soldering Recommendation guidelines. |