Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1910Q Fiches technique(PDF) 13 Page - Sony Corporation

No de pièce CXA1910Q
Description  Dolby B Type Noise Reduction System with Playback Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1910Q Fiches technique(HTML) 13 Page - Sony Corporation

Back Button CXA1910Q Datasheet HTML 9Page - Sony Corporation CXA1910Q Datasheet HTML 10Page - Sony Corporation CXA1910Q Datasheet HTML 11Page - Sony Corporation CXA1910Q Datasheet HTML 12Page - Sony Corporation CXA1910Q Datasheet HTML 13Page - Sony Corporation CXA1910Q Datasheet HTML 14Page - Sony Corporation CXA1910Q Datasheet HTML 15Page - Sony Corporation CXA1910Q Datasheet HTML 16Page - Sony Corporation CXA1910Q Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
—13—
CXA1910Q
(3) Adjustment of playback equalizer
Fig. 3
1) Adjustment of EQ curve gain difference (= adjustment of internal variable R)
→ E IREF resistor
The internal variable resistor Ri should be adjusted to adjust the EQ curve gain differences (G1-G2),
(G1-G3). Therefore, adjust the external resistor R4 for E IREF pin.
2) AC gain adjustment
→ External resistor R1
The external resistor R1 should be adjusted to adjust the AC gain. G3 are obtained by the following
equations.
R1+300k
G1=10+20log
(dB)
R1
[AC gain can be also adjusted by attaching VR to PBOUT pin, fixing R1. However, the low-band cut-
off frequency can be more lowered by R1 adjustment method with the same C1 value used for this
method.]
3) Low-band cut-off frequency
→ External resistor R1 and external capacitor C1
The low-band cut-off frequency (fc) can be determined by the external resistor R1 and external
capacitor C1.
R1
C2
C1
PBFB
PBTC
PBOUT
300k
E IREF
R4
1
G1
G2
G3
PBIN
FR
Ri
3
2
1
fc
Fig. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18