| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F2002IPWR Fiches technique(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2002IPWR Fiches technique(HTML) 70 Page - Texas Instruments |
|
70 / 92 page ![]() MSP430F20x3 MSP430F20x2 MSP430F20x1 SLAS491H – AUGUST 2005 – REVISED AUGUST 2011 www.ti.com Table 28. Port P1 (P1.0 to P1.3) Pin Functions, MSP430F20x3 CONTROL BITS / SIGNALS(1)(2) PIN NAME (P1.x) x FUNCTION P1DIR.x P1SEL.x SD16AE.x INCHx P1.0(3) input/output 0/1 0 0 N/A Timer_A2.TACLK/INCLK 0 1 0 N/A P1.0/TACLK/ACLK/A0+ 0 ACLK 1 1 0 N/A A0+(4) X X 1 0 P1.1(3) input/output 0/1 0 0 N/A Timer_A2.CCI0A 0 1 0 N/A P1.1/TA0/A0-/A4+ 1 Timer_A2.TA0 1 1 0 N/A A0-(4)(5) X X 1 0 A4+(4) X X 1 4 P1.2(3) input/output 0/1 0 0 N/A Timer_A2.CCI1A 0 1 0 N/A P1.2/TA1/A1+/A4- 2 Timer_A2.TA1 1 1 0 N/A A1+(4) X X 1 1 A4-(4)(5) X X 1 4 P1.3(3) input/output 0/1 0 0 N/A P1.3/VREF/A1- 3 VREF X 1 0 N/A A1-(4)(5) X X 1 1 (1) X = Don 't care (2) N/A = Not available or not applicable (3) Default after reset (PUC/POR) (4) Setting the SD16AE.x bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when applying analog signals. (5) With SD16AE.x = 0 the negative inputs are connected to VSS if the corresponding input is selected. 70 Copyright © 2005–2011, Texas Instruments Incorporated |