| Moteur de recherche de fiches techniques de composants électroniques |
|
EMS22B30-R25-WD6 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EMS22B30-R25-WD6 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 5 page ![]() 9.53 (.375) 20.88 ± .25 (.822 ± .010) 9.53 (.375) 20.88 ± .25 (.822 ± .010) 13.89 ± .38 (.547 ± .015) 15.88 ± .25 (.625 ± .010) 1.57 ± 0.12 (.062 ± .005) 1.57 ± 0.12 (.062 ± .005) 13.89 ± .38 (.547 ± .015) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 4.00 (.157) 4.00 (.157) 2.79 (.110) .51 ± .03 (.020 ± .001) DIA. 10.29 ± 0.12 (.405 ± .005) DIA. 10.29 (.405) DIA. 21.21 ± .25 (.835 ± .010) AR LUG 1.18 ± .012 (.047 ± .005) R 0.66 ± .012 (.026 ± .005) HIGH (FMS) X 3.17 +.00/-.01 (.1247 +.0000/-.0003) DIA. 6.34 (0.249) 15.88 ± .25 (.625 ± .010) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 2.79 (.110) .51 ± .03 (.020 ± .001) 21.21 ± .25 (.835 ± .010) 7.95 ± .012 (.313 ± .005) 7.94 ± .012 (.313 ± .005) 3.18 ± 0.12 (.125 ± .005) DIA. PANEL LAYOUT 10.67 ± 0.12 (.420 ± .005) DIA. AR LUG 1.18 ± .012 (.047 ± .005) R 0.66 ± .012 (.026 ± .005) HIGH (FMS) X 7.95 ± .012 (.313 ± .005) 7.94 ± .012 (.313 ± .005) 3.18 ± 0.12 (.125 ± .005) DIA. PANEL LAYOUT 10.67 ± 0.12 (.420 ± .005) DIA. EMS22A - Non-Contacting Absolute Encoder Product Dimensions Consult factory for options not shown, including: • Wire lead or cable options • Special shaft/bushing sizes and features • Connectors • Special performance characteristics • Non-standard resolutions • PCB mounting bracket Shaft Style D (Bushing T) Shaft Style B (Bushing S) Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. DIMENSIONS: MM (INCHES) |