| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC320AD55CDW Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC320AD55CDW Fiches technique(HTML) 20 Page - Texas Instruments |
|
20 / 41 page ![]() 3–2 Figure 3–1 shows the timing relationship for SCLK, FS, DOUT and DIN in a primary communication. The timing sequence for this operation is as follows: 1. The TLC320AD55C takes FS low. 2. One 16-bit word is transmitted from the ADC (DOUT) and one 16-bit word is received for the DAC (DIN). 3. The TLC320AD55C takes FS high. D15 D14 ...D2 D1 tdis SCLK FS tsu td1 ten D0 D15 D14 ...D2 D1 th D0 DIN DOUT td2 In 16-Bit Mode: MSB tsu D15 D14 ...D2 D1 th FC DIN In 16-Bit Mode: MSB LSB LSB td3 MCLK 0th 1st 2nd 14th 15th 16th VIH VIL VOH VOL VOH VOL Figure 3–1. Primary Serial Communication Timing When a secondary request is made through the LSB of the DAC data word (16-bit mode), the format shown in Figure 3–2 is used: D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 15-bit DAC 2s-complement format 16-bit ADC 2s-complement format control Figure 3– 2. DAC and ADC Word Lengths |