| Moteur de recherche de fiches techniques de composants électroniques |
|
SD103BWS Fiches technique(PDF) 2 Page - Formosa MS |
|
|
|||||||||||||||||||||||||||||
SD103BWS Fiches technique(HTML) 2 Page - Formosa MS |
|
2 / 7 page ![]() Page 2 350mA Schottky Diode - 20V-40V Surface Mount Small Signal Features Low current rectification and high speed switching. Extremely small surface mount type. Low forward voltage drop. Silicon epitaxial planar chip, metal silicon junction. Lead-free parts for green partner, exceeds environmental standards of MIL-STD-19500 /228 Suffix "-H" indicates Halogen-free part, ex.SD103AWS-H. • • • • • • http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 Package outline Formosa MS SD103AWS / BWS / CWS Mechanical data • • Case : Molded plastic, • Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 • Polarity : Indicated by cathode band • Mounting Position : Any • Weight : Approximated 0.005 gram Epoxy:UL94-V0 rated flame retardant SOD-323F Dimensions in inches and (millimeters) SOD-323F 0.039(1.00) 0.031(0.80) 0.071(1.80) 0.063(1.60) 0.106(2.70) 0.091(2.30) Document ID Issued Date Revised Date Revision Page. Reverse breakdown voltage V F V (BR)R V PARAMETER Peak repetitive reverse voltage RMS reverse voltaget Average rectified output current Total device dissipation Storage temperature Operating temperature Junction to ambient CONDITIONS Symbol V RRM V R(RMS) I F(AV) P D T J T STG SD103AWS -55 ~ +125 -65 ~ +125 200 20 UNIT V V mA mW °C/W oC Working peak reverse voltage DC blocking voltage Non-repetitive peak forward surge current Thermal resistance Forward voltage Reverse current Typical Junction capacitance Reverse recover time @ t < 1.0s V RWM V R I FSM R θJA I R C J t rr I = I = 200mA, I = 0.1 X I , F R rr R R = 100 L OHM V = 0 V, f = 1.0MHz R V = 30 V R , SD103AWS V = 20 V R , SD103BWS V = 10 V, SD103CWS R I = 20mA F I = 200mA F SD103BWS SD103CWS A oC V uA pF ns 30 40 14 21 28 350 1.5 625 40 30 20 0.37 0.60 50 5.0 10 Electrical Characteristics o (AT T =25 C unless otherwise noted) A PARAMETER CONDITIONS Symbol MIN. TYP. MAX. UNIT I =100uA,SD103AWS R I =100uA,SD103BWS R I =100uA,SD103CWS R DS-22163T 2009/08/10 2011/04/20 B 7 o Maximum ratings (AT T =25 C unless otherwise noted) A Small Signal Schottky Diode |