Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F051R6 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STM32F051R6
Description  Low- and medium-density advanced ARM??based 32-bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051R6 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STM32F051R6 Datasheet HTML 25Page - STMicroelectronics STM32F051R6 Datasheet HTML 26Page - STMicroelectronics STM32F051R6 Datasheet HTML 27Page - STMicroelectronics STM32F051R6 Datasheet HTML 28Page - STMicroelectronics STM32F051R6 Datasheet HTML 29Page - STMicroelectronics STM32F051R6 Datasheet HTML 30Page - STMicroelectronics STM32F051R6 Datasheet HTML 31Page - STMicroelectronics STM32F051R6 Datasheet HTML 32Page - STMicroelectronics STM32F051R6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
STM32F051x
Pinouts and pin description
Doc ID 022265 Rev 3
29/105
Table 13.
Pin definitions
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional functions
1
1
-
-
VBAT
S
Backup power supply
22
-
-
PC13
I/O
TC
(1)(2)
RTC_TAMP1,
RTC_TS, RTC_OUT,
WKUP2
33
-
-
PC14-OSC32_IN
(PC14)
I/O
TC
(1)(2)
OSC32_IN
44
-
-
PC15-
OSC32_OUT
(PC15)
I/O
TC
(1)(2)
OSC32_OUT
5522
PF0-OSC_IN
(PF0)
I/O
FT
OSC_IN
6633
PF1-OSC_OUT
(PF1)
I/O
FT
OSC_OUT
7744
NRST
I/O
RST
Device reset input / internal reset output (active low)
8
-
-
-
PC0
I/O
TTa
EVENTOUT
ADC_IN10
9
-
-
-
PC1
I/O
TTa
EVENTOUT
ADC_IN11
10
-
-
-
PC2
I/O
TTa
EVENTOUT
ADC_IN12
11
-
-
-
PC3
I/O
TTa
EVENTOUT
ADC_IN13
12
8
-
0
VSSA
S
Analog ground
13
9
5
5
VDDA
S
Analog power supply
14
10
6
6
PA0
I/O
TTa
USART2_CTS,
TIM2_CH1_ETR,
COMP1_OUT,
TSC_G1_IO1
ADC_IN0,
COMP1_INM6,
RTC_TAMP2,
WKUP1
15
11
7
7
PA1
I/O
TTa
USART2_RTS, TIM2_CH2,
TSC_G1_IO2, EVENTOUT
ADC_IN1,
COMP1_INP
16
12
8
8
PA2
I/O
TTa
USART2_TX, TIM2_CH3,
TIM15_CH1,
COMP2_OUT,
TSC_G1_IO3
ADC_IN2,
COMP2_INM6
17
13
9
9
PA3
I/O
TTa
USART2_RX, TIM2_CH4,
TIM15_CH2, TSC_G1_IO4
ADC_IN3,
COMP2_INP
18
-
-
-
PF4
I/O
FT
EVENTOUT
19
-
-
-
PF5
I/O
FT
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More