Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Y-CONC-R402S-CU2L-2000-C Fiches technique(PDF) 11 Page - YAMAHA CORPORATION

No de pièce Y-CONC-R402S-CU2L-2000-C
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAHA [YAMAHA CORPORATION]
Site Internet  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402S-CU2L-2000-C Fiches technique(HTML) 11 Page - YAMAHA CORPORATION

Back Button Y-CONC-R402S-CU2L-2000-C Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R402S-CU2L-2000-C Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R402S-CU2L-2000-C Datasheet HTML 9Page - YAMAHA CORPORATION Y-CONC-R402S-CU2L-2000-C Datasheet HTML 10Page - YAMAHA CORPORATION Y-CONC-R402S-CU2L-2000-C Datasheet HTML 11Page - YAMAHA CORPORATION Y-CONC-R402S-CU2L-2000-C Datasheet HTML 12Page - YAMAHA CORPORATION Y-CONC-R402S-CU2L-2000-C Datasheet HTML 13Page - YAMAHA CORPORATION Y-CONC-R402S-CU2L-2000-C Datasheet HTML 14Page - YAMAHA CORPORATION Y-CONC-R402S-CU2L-2000-C Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
10
Outline Dimensions
Part No.: Y-ConAS-12
Description:
IP20 EMI metal cover against EMI interference,
with integrated latch protection.
For use with all Y-Con plugs
IP20 EMV Metall Steckergehäuse gegen elektromagnetische
Beeinflussung, mit integriertem Verriegelungsschutz.
Für den Einsatz mit allen Y-Con Kabelsteckern
Material:
Cover
Die-cast zinc
Gehäuse
Screw
Steel
Schraube
Specifications:
Operating Temp.: -40°C ~ +80°C
Betriebstemp.
IP20 protective
transport cap for
all Y-Con plugs
IP20 Transportschutz-
abdeckung für alle Y-Con
Kabelstecker.
Material:
PE
Colour.:
Transparent white
Farbe
Specifications:
Operating Temp.: -20°C ~ +80°C
Betriebstemp.
Series
Design Number
Y-ConCover - 20
Part Number (Details)
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42