Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F051C4 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STM32F051C4
Description  Low- and medium-density advanced ARM??based 32-bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051C4 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STM32F051C4 Datasheet HTML 26Page - STMicroelectronics STM32F051C4 Datasheet HTML 27Page - STMicroelectronics STM32F051C4 Datasheet HTML 28Page - STMicroelectronics STM32F051C4 Datasheet HTML 29Page - STMicroelectronics STM32F051C4 Datasheet HTML 30Page - STMicroelectronics STM32F051C4 Datasheet HTML 31Page - STMicroelectronics STM32F051C4 Datasheet HTML 32Page - STMicroelectronics STM32F051C4 Datasheet HTML 33Page - STMicroelectronics STM32F051C4 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
Pinouts and pin description
STM32F051x
30/105
Doc ID 022265 Rev 3
20
14
10
10
PA4
I/O
TTa
SPI1_NSS/I2S1_WS,
USART2_CK, TIM14_CH1,
TSC_G2_IO1
ADC_IN4,
COMP1_INM4,
COMP2_INM4,
DAC1_OUT
21
15
11
11
PA5
I/O
TTa
SPI1_SCK/I2S1_CK, CEC,
TIM2_CH1_ETR,
TSC_G2_IO2
ADC_IN5,
COMP1_INM5,
COMP2_INM5
22
16
12
12
PA6
I/O
TTa
SPI1_MISO/I2S1_MCK,
TIM3_CH1, TIM1_BKIN,
TIM16_CH1,
COMP1_OUT,
TSC_G2_IO3, EVENTOUT
ADC_IN6
23
17
13
13
PA7
I/O
TTa
SPI1_MOSI/I2S1_SD,
TIM3_CH2, TIM14_CH1,
TIM1_CH1N, TIM17_CH1,
COMP2_OUT,
TSC_G2_IO4, EVENTOUT
ADC_IN7
24
-
-
-
PC4
I/O
TTa
EVENTOUT
ADC_IN14
25
-
-
-
PC5
I/O
TTa
TSC_G3_IO1
ADC_IN15
26
18
14
14
PB0
I/O
TTa
TIM3_CH3, TIM1_CH2N,
TSC_G3_IO2, EVENTOUT
ADC_IN8
27
19
15
15
PB1
I/O
TTa
TIM3_CH4, TIM14_CH1,
TIM1_CH3N, TSC_G3_IO3
ADC_IN9
28
20
-
16
PB2
I/O
FT
(3)
TSC_G3_IO4
29
21
-
-
PB10
I/O
FT
I2C2_SCL, CEC,
TIM2_CH3, TSC_SYNC
30
22
-
-
PB11
I/O
FT
I2C2_SDA, TIM2_CH4,
TSC_G6_IO1, EVENTOUT
31
23
16
0
VSS
S
Ground
32
24
17
17
VDD
S
Digital power supply
33
25
-
-
PB12
I/O
FT
SPI2_NSS, TIM1_BKIN,
TSC_G6_IO2, EVENTOUT
34
26
-
-
PB13
I/O
FT
SPI2_SCK, TIM1_CH1N,
TSC_G6_IO3
35
27
-
-
PB14
I/O
FT
SPI2_MISO, TIM1_CH2N,
TIM15_CH1, TSC_G6_IO4
36
28
-
-
PB15
I/O
FT
SPI2_MOSI, TIM1_CH3N,
TIM15_CH1N, TIM15_CH2
RTC_REFIN
37
-
-
-
PC6
I/O
FT
TIM3_CH1
Table 13.
Pin definitions (continued)
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More