| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC4300 Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4300 Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 2 page ![]() www.nxp.com © 2011 NXP Semiconductors N.V. All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: August 2011 Document order number: 9397 750 17139 Printed in the Netherlands Extensive peripheral set The`LPC4300`features`three`new`innovative`peripherals:` a`flexible`SPI`Flash`Interface,`a`State`Configurable`Timer` subsystem`and`Serial`GPIO.`The`State`Configurable`Timer` Subsystem`consists`of`a`timer`array`with`a`state`machine` enabling`complex`functionality,`including`event-controlled` PWM`waveform`generation,`ADC`synchronization,`and`` dead-time`control.`The`SPI`Flash`Interface`provides`a`seamless`` high-speed`memory-mapped`connection`to`virtually`all`SPI` and`quad-SPI`manufacturers.`The`LPC4300’s`Serial`GPIO,` available`for`the`first`time,`allows`a`developer`the`flexibility`` to`interface`to`any`non-standard`serial`interface`or`to`mimic` multiple`standard`serial`interfaces`(such`as`I2S,`TDM`for`multi- channel`audio,`I2C`and`more). Additional`peripherals`available`on`the`LPC4300`include`two` HS`USB`controllers,`an`on-chip`HS`PHY,`a`10/100T`Ethernet` controller`with`hardware`enabled`TCP/IP`checksum`calculation,` a`high-resolution`color`LCD`controller,`and`AES`decryption,` including`two`128-bit`secure`OTP`memories`for`key`storage.` Versions`with`AES`encryption`are`available`on`request. Type Memory M4/M0 LCD Ethernet USB State Config Timer Serial GPIO External bus interface Temp. range options Package Flash Ram LPC4310 168`KB `•`` `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100 LPC4312 512 104`KB `•`` `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100 LPC4313 256x2 104`KB `•`` `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100 LPC4315 768 136`KB `•`` `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100 LPC4317 1024 136`KB `•`` `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100 LPC4320 200`KB `•`` 1 `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100,`LQFP100 LPC4322 512 104`KB `•`` 1 `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100 LPC4323 256x2 104`KB `•`` 1 `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100 LPC4325 768 136`KB `•`` 1 `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100 LPC4327 1024 136`KB `•`` 1 `•`` `•`` 8-16 `-40`to`+85`°C`` LQFP144,`TBGA100,`LQFP100 LPC4330 264`KB `•`` `•`` 2 `•`` `•`` 16-32 `-40`to`+85`°C`` BGA256,`BGA180,`LQFP144,`BGA100 LPC4333 512 136`KB `•`` `•`` 2 `•`` `•`` 16-32 `-40`to`+85`°C`` BGA256,`BGA180,`LQFP144,`BGA100 LPC4337 1024 136`KB `•`` `•`` 2 `•`` `•`` 16-32 `-40`to`+85`°C`` BGA256,`BGA180,`LQFP144,`BGA100 LPC4350 264`KB `•`` `•`` `•`` 2 `•`` `•`` 16-32 `-40`to`+85`°C`` LQFP208,`BGA256,`BGA180 LPC4353 512 136`KB `•`` `•`` `•`` 2 `•`` `•`` 16-32 `-40`to`+85`°C`` LQFP208,`BGA256,`BGA180 LPC4357 1024` (2x512) 136`KB `•`` `•`` `•`` 2 `•`` `•`` 16-32 `-40`to`+85`°C`` LQFP208,`BGA256,`BGA180 www.nxp.com/microcontrollers LPC43xx |