| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETE110 Fiches technique(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE110 Fiches technique(HTML) 19 Page - Texas Instruments |
|
19 / 24 page ![]() ThunderLAN ™ TNETE110 PCI ETHERNET ™ CONTROLLER SINGLE-CHIP 10 BASE-T SPWS018B – MARCH 1995 - REVISED MAY 1996 19 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing requirements of management data I/O (MDIO) (see Figure 5) MIN MAX UNIT ta(MDCLKH-MDIOV) Access time, MDIO valid from MDCLK high (see Note 19) 0 300 ns NOTE 19: When the MDIO signal is sourced by the PMI /PHY, it is sampled by TNETE110 synchronous to the rising edge of MDCLK. switching characteristics of MDIO (see Figure 6) PARAMETER MIN MAX UNIT tsu(MDIOV-MDCLKH) Setup time, MDIO valid to MDCLK high (see Note 20) 10 ns th(MDCLKH-MDIOX) Hold time, MDCLK high to MDIO changing (see Note 20) 10 ns NOTE 20: MDIO is a bidirectional signal that can be sourced by TNETE110 or by the PMI /PHY. When TNETE110 sources the MDIO signal, TNETE110 asserts MDIO synchronous to the rising edge of MDCLK. ta(MDCLKH-MDIOV) MDCLK MDIO Figure 5. Management Data I/O Timing (Sourced by PHY) tsu(MDIOV-MDCLKH) th(MDCLKH-MDIOX) MDCLK MDIO Figure 6. Management Data I/O Timing (Sourced by TNETE110) |