| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETE100PM Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE100PM Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 27 page ![]() ThunderLAN ™ TNETE100PM PCI ETHERNET ™ CONTROLLER WITH POWER MANAGEMENT SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN SPWS026 – OCTOBER 1996 24 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing requirements for crystal oscillator (see Figure 10)† MIN TYP MAX UNIT td(VDDH–FXTL1V) Delay time from minimum VDD high level to first valid FXTL1 full swing period 100 ms tw(H) Pulse duration at FXTL1 high 13 ns tw(L) Pulse duration at FXTL1 low 13 ns tt Transition time of FXTL1 7 ns tc Cycle time, FXTL1 50 ns Tolerance of FXTL1 input frequency "0.01 % † The FXTL signal can be driven either by a 20-MHz crystal using the FXTL1 and FXTL2 pins or by a 20-MHz crystal oscillator driving the FXTL1 pin. FXTL1 VDD td(VDDH–FXTL1V) Minimum VDD High Level tc tw(H) tw(L) tt tt Figure 10. Crystal-Oscillator Timing |