| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETA1585PCM Fiches technique(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETA1585PCM Fiches technique(HTML) 30 Page - Texas Instruments |
|
30 / 32 page ![]() TNETA1585 ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES SDNS041A – NOVEMBER 1996 – REVISED JULY 1998 30 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL DATA PCM (S-PQFP-G***) PLASTIC QUAD FLATPACK (The TNETA1585 uses a 160-pin PCM package. See Note D). 4040024 / B 10/94 144 PIN SHOWN A 73 144 160 0,38 0,22 72 37 NO. OF PINS*** 22,75 TYP 25,35 TYP 0,16 NOM 0,25 0,73 1,03 36 Seating Plane 0,25 MIN Gage Plane 108 109 144 A SQ SQ 31,45 1 28,20 30,95 27,80 3,60 3,20 4,10 MAX 0,10 0,65 M 0,13 NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Falls within JEDEC MS-022 D. The 144 PCM is identical to the 160 PCM except that four leads per corner are removed. |