Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETA1585 Fiches technique(PDF) 15 Page - Texas Instruments

No de pièce TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Fiches technique(HTML) 15 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 11Page - Texas Instruments TNETA1585 Datasheet HTML 12Page - Texas Instruments TNETA1585 Datasheet HTML 13Page - Texas Instruments TNETA1585 Datasheet HTML 14Page - Texas Instruments TNETA1585 Datasheet HTML 15Page - Texas Instruments TNETA1585 Datasheet HTML 16Page - Texas Instruments TNETA1585 Datasheet HTML 17Page - Texas Instruments TNETA1585 Datasheet HTML 18Page - Texas Instruments TNETA1585 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive-UTOPIA interface (continued)
In ATM mode, the TNETA1585 receive-UTOPIA interface behaves as an RX UTOPIA, monitoring incoming cells
from a framer such as the TNETA1500 into the reassembly interface of a SAR device such as the TNETA1575.
An external clock input provides for data transfers/synchronization between the TNETA1585 receive-UTOPIA
and TNETA1500 interfaces.
In PHY mode, the TNETA1585 receive-UTOPIA interface behaves as a TX UTOPIA of a PHY device, monitoring
incoming cells from a switching element into the reassembly interface of a SAR device such as the TNETA1575.
An external clock input provides for data transfers/synchronization between the TNETA1585 receive-UTOPIA
and ATM switching-element TX UTOPIA interfaces.
The receive-UTOPIA interface operates as a synchronous 8-bit (byte-wide) data path. The interface functions
with cell-level handshaking. The maximum clock speed supported by this interface is 33 MHz.
receive-UTOPIA interface in PHY mode
The receive-UTOPIA interface on the TNETA1585 operates as the TX UTOPIA interface in a PHY device when
the TNETA1585 is operating in PHY mode.
This cell interface works on the low-to-high transition of RXCLK to sample and generate signals.
TNETA1585
SIGNAL NAME
UTOPIA
SIGNAL NAME
RXCLK
TXCLK
RXDATA7–RXDATA0
TXDATA7–TXDATA0
RXSOC
TXSOC
RXEN
TXEnb
RXCLAV
TXClav



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32