| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETA1500A Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETA1500A Fiches technique(HTML) 10 Page - Texas Instruments |
|
10 / 10 page ![]() TNETA1500A 155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER SDNS042A – AUGUST 1997 – REVISED JANUARY 1998 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 interrupt registers The interrupt registers located at hex addresses 00, 01, and 02 contain information on the condition of the receive-data stream that causes INTR to become active low. The coding for the interrupt registers is given in Table 4. Table 4. Interrupt-Register Coding CAUSE OF INTERRUPT IR1 CODING (ADDRESS 00) IR2 CODING (ADDRESS 01) IR3 CODING (ADDRESS 02) B1 parity error XXXX XXX1 — — B2 parity error XXXX XX1X — — B3 parity error XXXX X1XX — — Loss of cell alignment XXXX 1XXX — — Loss of incoming signal XXX1 XXXX — — Out of frame XX1X XXXX — — Loss of frame X1XX XXXX — — Loss of optical carrier 1XXX XXXX — — Line AIS — XXXX XXX1 — Line FERF — XXXX XX1X — Loss of receive data — XXXX X1XX — Loss of pointer — XXXX 1XXX — Path AIS — XXX1 XXXX — B1 block-error overflow — XX1X XXXX — B2 block-error overflow — X1XX XXXX — B3 block-error overflow — 1XXX XXXX — B1 CV overflow — — XXXX XXX1 B2 CV overflow — — XXXX XX1X B3 CV overflow — — XXXX X1XX Path RDI — — XXXX 1XXX Path FERF — — XXX1 XXXX The alarm conditions or errors set bits in the interrupt register that cause INTR to go active low. All of these conditional actions are associated with the receive-data stream and are described in the following. LOS, OOF, LOF, LAIS, LOP, LFERF, LOCA, and LOSRD These alarm conditions cause an external signal to go active and set a bit in one of the interrupt registers (see Terminal Functions tables for description of the individual alarms). The status of the bit in the interrupt register for these alarms mirrors the status of the external signal. For example, as long as an LOF condition exists, both LOF and the LOF bit in IR1 (the value for LOF is x1xx xxxx) are set. When the logic in the TNETA1500A detects that the LOF condition has cleared, the external output and the status bit in the interrupt registers are cleared. A change in the status bit in the interrupt registers for these alarms causes INTR to go active low. When the status bit makes a low-to-high transition, INTR goes active low. INTR also goes active low when the status bit makes a high-to-low transition. Reading the interrupt register does not clear the status bit for these particular alarms. However, INTR goes inactive high on a read of any of the interrupt registers. |