| Moteur de recherche de fiches techniques de composants électroniques |
|
EMS22B30-R20-WS6 Fiches technique(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EMS22B30-R20-WS6 Fiches technique(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 5 page ![]() 9.53 (.375) 22.23 ± .25 (.875 ± .010) 13.89 ± .38 (.547 ± .015) 1.57 (.062) 1.57 (.062) 1.57 (.062) 4.00 (.157) 15.88 ± .25 (.625 ± .010) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 2.74 (.108) .51 ± .03 (.020 ± .001) 21.21 ± .25 (.835 ± .010) 19.05 (.75) DIA. DIA. 3.17 +.00/-.01 (.1247 +.0000/-.0003) 22.23 (.875) DIA. EMS22A - Non-Contacting Absolute Encoder Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Product Dimensions Shaft Style D (Bushing W) DIMENSIONS: MM (INCHES) Cable Assembly 25.4 (1.0) MAX. 2 PLCS. 254.0 ± 6.35 (10.00 ± 0.25) CIRCUIT #1 13.97 (0.55) 2 PLCS. CIRCUIT #1 PIN 1 IDENTIFICATION STRIPE CONNECTOR 2.00 MM PITCH, 6 CIRCUITS 2 PLCS. FLAT CABLE 2.0 MM PITCH ROUND CONDUCTOR 24 AWG (7X32) STRANDED, TOP COAT 6 CIRCUITS, P.V.C. INSULATION |