Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALD1102PAL Fiches technique(PDF) 4 Page - Advanced Linear Devices

No de pièce ALD1102PAL
Description  DUAL P-CHANNEL MATCHED MOSFET PAIR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALD [Advanced Linear Devices]
Site Internet  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1102PAL Fiches technique(HTML) 4 Page - Advanced Linear Devices

  ALD1102PAL Datasheet HTML 1Page - Advanced Linear Devices ALD1102PAL Datasheet HTML 2Page - Advanced Linear Devices ALD1102PAL Datasheet HTML 3Page - Advanced Linear Devices ALD1102PAL Datasheet HTML 4Page - Advanced Linear Devices ALD1102PAL Datasheet HTML 5Page - Advanced Linear Devices ALD1102PAL Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ALD1102A/ALD1102B/ALD1102
Advanced Linear Devices
4 of 6
8 Pin Plastic SOIC Package
SOIC-8 PACKAGE DRAWING
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
b
C
D-8
E
e
H
L
S
1.75
0.25
0.45
0.25
5.00
4.05
6.30
0.937
8
°
0.50
0.053
0.004
0.014
0.007
0.185
0.140
0.224
0.024
0
°
0.010
0.069
0.010
0.018
0.010
0.196
0.160
0.248
0.037
8
°
0.020
1.27 BSC
0.050 BSC
1.35
0.10
0.35
0.18
4.69
3.50
5.70
0.60
0
°
0.25
ø
L
C
H
S (45
°)
ø
e
A
A1
b
D
S (45
°)
E



Html Pages

1 2 3 4 5 6