Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMS22A50-R25-MS6 Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce EMS22A50-R25-MS6
Description  Non-Contacting Absolute Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EMS22A50-R25-MS6 Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  EMS22A50-R25-MS6 Datasheet HTML 1Page - Bourns Electronic Solutions EMS22A50-R25-MS6 Datasheet HTML 2Page - Bourns Electronic Solutions EMS22A50-R25-MS6 Datasheet HTML 3Page - Bourns Electronic Solutions EMS22A50-R25-MS6 Datasheet HTML 4Page - Bourns Electronic Solutions EMS22A50-R25-MS6 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
EMS22A - Non-Contacting Absolute Encoder
Output Type Waveform and Variant Table
Applications
■ Material handling equipment
■ Brushless DC motor commutation
■ Robotics
■ Automotive
■ Industrial automation
■ Petroleum refinery
■ Medical
■ Office equipment
■ Audio and broadcast equipment
CSn
CLK
D0
t CSn 500 ns min.
t CLKFE
500 ns
t D0 Tristate
100 ns min.
T CLK/2 500 ns
0
15
07
Status Bits
Angular Position Data
Parity Bit
t D0 valid 375 ns
t D0 active
100 ns
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 S1 S2 S3 S4 S5 P1
D9
EMS22
μC
1st Device
Data IN
PROG
DO
PROG
DO
PROG
DO
CLK
CSn
CLK
CSn
CLK
Daisy Chain Hardware Configuration
Daisy Chain Mode Data Transfer
CLK
CSn
CSn
2nd Device
Last Device
EMS22
EMS22
D6
D7
D9
CSn
CLK FE
t
DO active
t
18
16
D
1
2
3
CLK/2
T
CLK
DO
Angular Position Data
D8
D5
D1
D2
D4
D3
D0
Even
PAR
Mag
DEC
Mag
INC
LIN
COF
OCF
D9
D8
D7
DO valid
t
Angular Position Data
Status Bits
2nd Device
1st Device
Data Content
Description
D9:D0
Absolute angular position data
S1
End of offset compensation algorithm
S2
Cordic overflow indicating an error in cordic part
S3
Linearity alarm
S4
Increase in magnitude
S5
Decrease in magnitude
P1
Even parity for detecting bits 1-15 transmission error
Absolute Output



Html Pages

1 2 3 4 5