Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL3ICS1202FUG-V7AF Fiches technique(PDF) 28 Page - NXP Semiconductors

No de pièce SL3ICS1202FUG-V7AF
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1202FUG-V7AF Fiches technique(HTML) 28 Page - NXP Semiconductors

Back Button SL3ICS1202FUG-V7AF Datasheet HTML 24Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 25Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 26Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 27Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 28Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 29Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 30Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 31Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
28 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
15. TAG selection, inventory and access
This section contains all information including commands by which a reader selects,
inventories, and accesses a G2X population
An interrogator manages UCODE G2X equipped tag populations using three basic
operations. Each of these operations comprises one or more commands. The operations
are defined as follows
Select:
The process by which an interrogator selects a tag population for inventory
and access. Interrogators may use one or more Select commands to select a
particular tag population prior to inventory.
Inventory:
The process by which an interrogator identifies UCODE G2X equipped tags.
An interrogator begins an inventory round by transmitting a Query command
in one of four sessions. One or more G2X may reply. The interrogator detects
a single G2X reply and requests the PC, EPC, and CRC-16 from the chip. An
inventory round operates in one and only one session at a time. For an
example of an interrogator inventorying and accessing a single G2X refer to
Section 18, Ref. 1, Annex E.
Access:
The process by which an interrogator transacts with (reads from or writes to)
individual G2X. An individual G2X must be uniquely identified prior to access.
Access comprises multiple commands, some of which employ one-time-pad
based cover-coding of the R=>T link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56