| Moteur de recherche de fiches techniques de composants électroniques |
|
SL3ICS1002 Fiches technique(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002 Fiches technique(HTML) 44 Page - NXP Semiconductors |
|
44 / 56 page ![]() 139036 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.6 — 10 March 2011 139036 44 of 56 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 15.12.5 Calibrate After execution of the custom Calibrate command the G2X will continuously backscatter the user memory content in an infinite loop. The G2XL will continuously backscatter zeros. This command can be used for frequency spectrum measurements. Calibrate can only be executed from the Secure state with an non-zero Access Password set otherwise the command will be ignored. The Calibrate command includes a CRC-16 calculated over the whole command, the handle and a prepended frame-sync. [1] G2XM [2] G2XL Table 29. Calibrate command Command RN16 CRC-16 # of bits 16 16 16 description 11100000 00000101 handle - Table 30. G2X reply to a successful Calibrate command Header Infinite repeat # of bits 1 512 (looped) description 0 User memory data[1] zeros[2] Table 31. Calibrate command-response table Starting State Condition Response Next State ready all – ready arbitrate, reply, acknowledged all – arbitrate secured nonzero access password Backscatter infinite _ access password is zero – secured killed all – killed |