| Moteur de recherche de fiches techniques de composants électroniques |
|
C005YK1R1ABSTR Fiches technique(PDF) 1 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
C005YK1R1ABSTR Fiches technique(HTML) 1 Page - AVX Corporation |
|
1 / 2 page ![]() 1 Ultra-Miniature 01005 Size Accu-P ® Thin-Film RF Microwave Capacitor ACCU-P® TECHNOLOGY The use of silicon oxide, a very low - loss dielectric material, in conjunction with highly conductive electrode metals, results in low ESR and high Q. These high - frequency characteristics change at a slower rate with increasing frequency than for ceramic microwave capacitors. ACCU-P ® meets the fast - growing demand for low - loss (high - Q) capacitors for use in surface mount technology, especially for the wireless communications market at frequencies up to and above 5.8GHz. ACCU-P ® is currently unique in its ability to offer very low capacitance values (0.05 pF) and ultra tight capacitance tolerances (±0.01 pF). C005 Series X Temperature Coefficient XXX Capacitance (pF) X Tolerance B Accu-P S Lead Free Termination TR Packaging Code 5000 pc reel TR/10K = 10,000 pc reel TR/20K = 20,000 pc reel Y Voltage Y = 16V HOW TO ORDER P/N Example: C 0 0 5 Y K 1 R 0 A B S T R QUALITY AND RELIABILITY Finished parts are tested for standard electrical parameters and visual / mechanical characteristics. Each production lot is 100% evaluated for: • Capacitance • Q Factor • DWV at 12.5xVRATED Each production lot is evaluated on a sample basis for: • Dimensions • Insulation Resistance • Breakdown Voltage • ESR • Solderability In addition, production is periodically evaluated for: • Mechanical stability • Endurance (Life) • Temperature Coefficient • Accelerated Damp Heat Load (THB) • Temperature Cycling FEATURES • Ultra Miniature standard 01005 chip size. • Ultra tight capacitance tolerances (±0.01pF). • Low ESR and high Q at VHF, UHF and microwave frequencies. • TC ±30, ±60ppm/°C. • Nickel/Solder - coated terminations provide excellent solderability and leach resistance. • High insulation resistance: IR ≥ 10 10 Ohm. • Orientation provides high SRF uniformity. • Repeatable CEFF, ESR and Q vs. Frequency parameters, both lot to lot and within lots, for increased production yields. APPLICATIONS • RF Modules • Mobile communications • Satellite TV • Global positioning systems • Filters • VCO’s • Matching networks |
Numéro de pièce similaire - C005YK1R1ABSTR |
|
Description similaire - C005YK1R1ABSTR |