Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAV0010DP Fiches technique(PDF) 3 Page - AVX Corporation

No de pièce MAV0010DP
Description  Miniature AC Varistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

MAV0010DP Fiches technique(HTML) 3 Page - AVX Corporation

  MAV0010DP Datasheet HTML 1Page - AVX Corporation MAV0010DP Datasheet HTML 2Page - AVX Corporation MAV0010DP Datasheet HTML 3Page - AVX Corporation MAV0010DP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TRANSMISSION CHARACTERISTIC
-30
-25
-20
-15
-10
-5
0
1
10
100
1000
10000
Fre que ncy (M Hz)
MAV0010
MAV0020
IMPACT OF AC VOLTAGE ON LEAKAGE CURRENT
‐0.3
‐0.25
‐0.2
‐0.15
‐0.1
‐0.05
0
0.05
0.1
0.15
0.2
‐60
‐40
‐20
0
20406080
100
120
140
Temperature (° C)
120 V Peak to Peak
165 Volts Peak to peak



Html Pages

1 2 3 4