| Moteur de recherche de fiches techniques de composants électroniques |
|
C005YK0R8ABSTR Fiches technique(PDF) 2 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
C005YK0R8ABSTR Fiches technique(HTML) 2 Page - AVX Corporation |
|
2 / 2 page ![]() 2 Ultra-Miniature 01005 Size Accu-P ® Thin-Film RF Microwave Capacitor Tolerances Capacitance Z = ±0.01pF TC Voltage [pF] Part Number P = ±0.02pF J = ±30ppm/ºC (V) Q = ±0.03pF K = ±60ppm/ºC A = ±0.05pF 0.05 C005YJR05_BSTR Z, P, Q, A J 16 0.10 C005YJ0R1_BSTR Z, P, Q, A J 16 0.15 C005YJR15_BSTR Z, P, Q, A J 16 0.20 C005YJ0R2_BSTR Z, P, Q, A J 16 0.25 C005YJR25_BSTR Z, P, Q, A J 16 0.30 C005YJ0R3_BSTR Z, P, Q, A J 16 0.35 C005YJR35_BSTR Z, P, Q, A J 16 0.40 C005YJ0R4_BSTR Z, P, Q, A J 16 0.45 C005YJR45_BSTR Z, P, Q, A J 16 0.50 C005YJ0R5_BSTR Z, P, Q, A J 16 0.55 C005YJR55_BSTR P, Q, A J 16 0.60 C005YJ0R6_BSTR P, Q, A J 16 0.65 C005YJR65_BSTR P, Q, A J 16 0.70 C005YJ0R7_BSTR P, Q, A J 16 0.75 C005YJR75_BSTR P, Q, A K 16 0.80 C005YK0R8_BSTR P, Q, A K 16 0.85 C005YKR85_BSTR P, Q, A K 16 Tolerances Capacitance Z = ±0.01pF TC Voltage [pF] Part Number P = ±0.02pF J = ±30ppm/ºC (V) Q = ±0.03pF K = ±60ppm/ºC A = ±0.05pF 0.90 C005YK0R9_BSTR P, Q, A K 16 0.95 C005YKR95_BSTR P, Q, A K 16 1.00 C005YK1R0_BSTR P, Q, A K 16 1.10 C005YK1R1_BSTR P, Q, A K 16 1.20 C005YK1R2_BSTR P, Q, A K 16 1.30 C005YK1R3_BSTR P, Q, A K 16 1.40 C005YK1R4_BSTR P, Q, A K 16 1.50 C005YK1R5_BSTR P, Q, A K 16 1.60 C005YK1R6_BSTR P, Q, A K 16 1.70 C005YK1R7_BSTR P, Q, A K 16 1.80 C005YK1R8_BSTR P, Q, A K 16 1.90 C005YK1R9_BSTR P, Q, A K 16 2.00 C005YK2R0_BSTR P, Q, A K 16 2.10 C005YK2R1_BSTR P, Q, A K 16 2.20 C005YK2R2_BSTR P, Q, A K 16 2.30 C005YK2R3_BSTR P, Q, A K 16 2.40 C005YK2R4_BSTR P, Q, A K 16 ACCU-P® 01005 CAPACITANCE RANGE Intermediate capacitance values are available L 0.405 ± 0.020 (0.016 ± 0.001) W 0.215 ± 0.020 (0.0085 ± 0.001) T 0.145 ± 0.020 (0.006 ± 0.001) B Top (B1): 0.0 +0.10/-0.0 (0.0 +0.004/-0.0) Bottom (B2): 0.10 ± 0.03 (0.004 ± 0.001) DIMENSIONS - mm (inches) PACKAGING SPECIFICATION - mm (inches) RECOMMENDED PAD LAYOUT - mm (inches) L T B1 W B2 2.00 (0.079) 4.00 (0.157) 2.00 (0.079) 2.00 (0.079) 0.17 (0.007) 0.20 (0.008) 0.22 (0.009) Standard Packaging: 5,000 / 10,000 / 20,000pcs in 4" / 7" reels Materials: Reel – Polystyrene Tape – Paper: 8.00 (0.315) Component pitch: 2.00 (0.079) |