Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLOU330 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Fiches technique(HTML) 2 Page - Texas Instruments

  SLOU330 Datasheet HTML 1Page - Texas Instruments SLOU330 Datasheet HTML 2Page - Texas Instruments SLOU330 Datasheet HTML 3Page - Texas Instruments SLOU330 Datasheet HTML 4Page - Texas Instruments SLOU330 Datasheet HTML 5Page - Texas Instruments SLOU330 Datasheet HTML 6Page - Texas Instruments SLOU330 Datasheet HTML 7Page - Texas Instruments SLOU330 Datasheet HTML 8Page - Texas Instruments SLOU330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Software Installation
www.ti.com
Contents
1
Software Installation
........................................................................................................ 2
2
AFE722x.ini file for TSW1200
............................................................................................. 3
3
AFE722x EVM Software - SPI Control
................................................................................... 3
4
Initial EVM Setup and Basic Test Procedure
............................................................................ 4
4.1
CDCE72010 Configuration
....................................................................................... 4
4.2
RX Path Using TSW1200
......................................................................................... 5
4.3
TX Path Using TSW3100
......................................................................................... 6
5
Power Supply Options
...................................................................................................... 9
6
Clocking Configuration
..................................................................................................... 9
6.1
Non-VCXO Option (default)
..................................................................................... 10
6.2
System Level
...................................................................................................... 11
6.3
RX Only
............................................................................................................ 11
6.4
RX and TX Independent Clocking
.............................................................................. 11
6.5
Interpolation on the DAC
........................................................................................ 11
6.6
Decimation on the ADC
.......................................................................................... 12
7
RX Setup
................................................................................................................... 12
8
TX Setup
.................................................................................................................... 13
9
Trouble Shooting of the EVM Setup
.................................................................................... 15
List of Figures
List of Tables
1
Control Registers
............................................................................................................ 6
2
Clock Delays for Listed DAC Sampling Rates
.......................................................................... 7
3
IP Address Digit Selection Using SW2
................................................................................. 17
1
Software Installation
1. Open folder named AFE722x_Installer_vxpx (xpx represents the latest version)
2. Run Setup.exe
3. Follow the on-screen instructions
4. Once installed, launch by clicking on the AFE722x_GUI_vxpx program in Start
>Texas Instruments
ADCs.
5. When plugging in the USB cable for the first time, the user will be prompted to install the USB drivers
for
‘USB Serial Converter’ and ‘USB Serial Port’ (see ).
(a) Follow the on-screen instructions to install the USB drivers.
(b) If needed, you can access the drivers directly in the install directory
2
EVM Description
SLOU330
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18