Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CALVC164245IDLREP Fiches technique(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No de pièce CALVC164245IDLREP
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CALVC164245IDLREP Fiches technique(HTML) 16 Page - Texas Instruments

Back Button CALVC164245IDLREP Datasheet HTML 11Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 12Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 13Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 14Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 15Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 16Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 17Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 18Page - Texas Instruments CALVC164245IDLREP Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CALVC164245IDGGREP
TSSOP
DGG
48
2000
346.0
346.0
41.0
CALVC164245IDLREP
SSOP
DL
48
1000
346.0
346.0
49.0
CALVC164245MDGGREP
TSSOP
DGG
48
2000
346.0
346.0
41.0
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Aug-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19