| Moteur de recherche de fiches techniques de composants électroniques |
|
SS12SDP2 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SS12SDP2 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 34 page ![]() www.ti.com ADS1248EVM-PDK Kit Operation The program currently runs only on Microsoft Windows platforms of Windows XP; Windows Vista is NOT supported. If this is the first time installing ADCPro and plug-ins, follow these procedures to run ADCPro and perform any necessary firmware installations. Make sure the ADCPro software and device plug-in software are installed from the CD-ROM as described in Section 8.1, Installing the ADCPro Software. Step 1. Start the software by selecting ADCPro from the Windows Start menu. The screen in Figure 9 appears. Figure 9. ADCPro Software Start-up Display Window 13 SBAU142B – April 2009 – Revised May 2011 ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK Submit Documentation Feedback Copyright © 2009–2011, Texas Instruments Incorporated |