| Moteur de recherche de fiches techniques de composants électroniques |
|
STEVAL-MKI011V1 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-MKI011V1 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
|
1 / 1 page ![]() 306 This page of product is compliant. STMICROELECTRONICS Analog ICs GYROSCOPES mouser.com/st © Copyright 2011 Mouser Electronics © Copyright 2011 Mouser Electronics ST’s complete family of single-axis (yaw) and two-axis (pitch-and-roll, pitch-and-yaw) MEMS gyroscopes offers the industry’s widest full-scale range, from 30 to 6000°/s. The innovatively designed sensors can provide two separate outputs for each axis at the same time – an unamplified output value for general detection of angular motion and a 4x amplification for high-resolution measurements that enhances design flexibility and the user experience. Gyroscopes 511-STEVAL-MKI035V1 STEVAL-MKI035V1 MEMS analog output demonstration board for the LPY550AL, +/-500 /s and +/2000 /s, dual axis pitch and yaw gyro 511-STEVAL-MKI041V1 STEVAL-MKI041V1 Adapter board for digital/analog MEMS attachable to STM32-EVAL 511-STEVAL-MKI044V1 STEVAL-MKI044V1 MEMS analog output demonstration board for the LPR530AL, +/-300 /s and +/1200 /s, dual axis pitch and roll gyro 511-STEVAL-MKI047V1 STEVAL-MKI047V1 MEMS Analog Output Demonstration Board for the LY550ALH, +/-500 /s and +/2000 /s, Dual Axis Pitch and Yaw Gyro 511-STEVAL-MKI050V1 STEVAL-MKI050V1 LPR530AL adapter board designed to be plugged into a standard DIL24 socket Accelerometers 511-STEVALMKI006V1 STEVAL-MKI006V1 MEMS 3-axis - ±2g/±8g digital output low power linear accelerometer evaluation board based on LIS302DL 511-STEVALMKI007V1 STEVAL-MKI007V1 MEMS Analog Output Low Power 3-Axis linear accelerometer based on LIS302ALB 511-STEVALMKI009V1 STEVAL-MKI009V1 LIS3LV02DL adapter board designed to be plugged into a standard DIL 20 socket 511-STEVALMKI010V1 STEVAL-MKI010V1 LIS3L02AS4 Adapter Board designed to be plugged into a standard DIL 20 socket 511-STEVAL-MKI011V1 STEVAL-MKI011V1 MEMS Analog Output Low Power 3-Axis linear accelerometer based on LIS302ALB 511-STEVALMKI012V1 STEVAL-MKI012V1 LIS3L02AS4 Adapter Board designed to be plugged into a standard DIL 20 socket 511-STEVAL-MKI016V1 STEVAL-MKI016V1 LIS302ALB Adapter Board designed to be plugged into a standard DIL 20 socket 511-STEVAL-MKI017V1 STEVAL-MKI017V1 LIS344AL adapter brd into DIL 20 SKT 511-STEVAL-MKI018V1 STEVAL-MKI018V1 MEMS 3-Axis 3.5g Analog Output Evaluation Board based on LIS344AL 511-STEVAL-MKI019V1 STEVAL-MKI019V1 LIS344AL Adapter Board designed to be plugged into a standard DIL 20 socket 511-STEVAL-MKI020V1 STEVAL-MKI020V1 LIS244AL Adapter Board designed to be plugged into a standard DIL 20 socket 511-STEVAL-MKI021V1 STEVAL-MKI021V1 MEMS 3-Axis ±2g Analog Output Evaluation Board based on LIS302SG 511-STEVAL-MKI024V1 STEVAL-MKI024V1 LIS302SG Adapter Board designed to be plugged into a standard DIL 20 socket 511-STEVAL-MKI029V1 STEVAL-MKI029V1 MEMS 3-Axis ±2g Analog Output Evaluation Board based on NANO Accelerometer LIS331AL 511-STEVAL-MKI030V1 STEVAL-MKI030V1 MEMS 3-axis 2g/8g smart digital output evaluation board based on nano accelerometer LIS331DL 511-STEVAL-MKI038V1 STEVAL-MKI038V1 Inclination analysis demonstration board based on the STM8S207R6 MCU and LIS331DLH MEMS 511-STEVAL-MKI032V1 STEVAL-MKI032V1 Vibration analysis demonstration board based on the STM8S207R6 MCU and LIS331DLH MEMS 511-STEVALMKI004V1 STEVAL-MKI004V1 MEMS 3-Axis ±2g/±8g Digital Output Low Voltage Linear Accelerometer. Board based on LIS3LV02DQ. 511-STEVALMKI005V1 STEVAL-MKI005V1 MEMS 3-Axis ±2g/±8g Digital Output Low Voltage Linear Accelerometer. Board based on LIS3LV02DL. 511-STEVALMKI006V1 STEVAL-MKI006V1 MEMS 3-Axis - ±2g/±8g Digital Output Low Power Linear Accelerometer. Evaluation Board based on LIS302DL. 511-STEVALMKI009V1 STEVAL-MKI009V1 LIS3LV02DL Adapter Board designed to be plugged into a standard DIL 20 socket 511-STEVAL-MKI013V1 STEVAL-MKI013V1 LIS302DL Adapter Board designed to be plugged into a standard DIL 24 socket 511-STEVAL-MKI014V1 STEVAL-MKI014V1 MEMS 3-Axis ±2g/±6g Analog Output Evaluation Board based on LIS344ALH 511-STEVAL-MKI015V1 STEVAL-MKI015V1 LIS344ALH Adapter Board designed to be plugged into a standard DIL 20 socket 511-STEVAL-MKI022V1 STEVAL-MKI022V1 MEMS 3-Axis ±2g /±8g Smart Digital Output Evaluation Board 511-STEVAL-MKI023V1 STEVAL-MKI023V1 Single-Axis =/-300°/s analog output yaw rate gyroscope Evaluation Board based on LISY300AL Price Each Description MOUSER STOCK NO. STM Part No. ST MEMS-based acceleration sensors are all supported by their own evaluation kits that allow system designers to evaluate sensors performances and capabilities. The kit enables the acquisition, through an analog or digital interface, of acceleration data sensed by accelerometers, with the support of a dedicated software in case of digital solution . STMICROELECTRONICS PRODUCT EVALUATION BOARDS FOR MOTION SENSORS ( MEMS ) Single-Axis 511-LISY300AL LISY300AL LGA-28 7x7X1.5mm 3.3 3.3 2.7 3.0 3.6 511-LY3100ALH LY3100ALH LGA-10 3x5x1mm 1.1 1.1 2.7 3.0 3.6 511-LY3200ALH LY3200ALH LGA-10 3x5x1mm 0.67 0.67 2.7 3.0 3.6 511-LY330ALH LY330ALH LGA-10 3x5x1mm 3.752 3.752 2.7 3.0 3.6 511-LY503ALH LY503ALH LGA-16 5x5x1.5mm 33.3 8.3 2.7 3.0 3.6 511-LY503ALHTR LY503ALHTR LGA-16 5x5x1.5mm 33.3 8.3 2.7 3.0 3.6 511-LY510ALH LY510ALH LGA-16 5x5x1.5mm 10.0 2.5 2.7 3.0 3.6 511-LY510ALHTR LY510ALHTR LGA-16 5x5x1.5mm 10.0 2.5 2.7 3.0 3.6 511-LY5150AL LY5150AL LGA-16 5x5x1.5mm 0.67 0.167 2.7 3.0 3.6 511-LY5150ALH LY5150ALH LGA-16 5x5x1.5mm 0.67 0.167 2.7 3.0 3.6 511-LY5150ALHTR LY5150ALHTR LGA-16 5x5x1.5mm 0.67 0.167 2.7 3.0 3.6 511-LY530ALH LY530ALH LGA-16 5x5x1.5mm 3.33 0.83 2.7 3.0 3.6 511-LY550ALH LY550ALH LGA-16 5x5x1.5mm 2.0 0.5 2.7 3.0 3.6 511-LY550ALHTR LY550ALHTR LGA-16 5x5x1.5mm 2.0 0.5 2.7 3.0 3.6 Dual-Axis 511-LPR403AL LPR403AL LGA-28 4x5X1mm 33.3 8.3 2.7 3.0 3.6 511-LPR410AL LPR410AL LGA-28 4x5X1mm 10 2.5 2.7 3.0 3.6 511-LPR4150AL LPR4150AL LGA-28 4x5X1mm 0.67 0.167 2.7 3.0 3.6 511-LPR430AL LPR430AL LGA-28 4x5X1mm 3.33 0.83 2.7 3.0 3.6 511-LPR450AL LPR450AL LGA-28 4x5X1mm 2.0 0.5 2.7 3.0 3.6 511-LPR503AL LPR503AL LGA-16 5x5x1.5mm 33.3 8.3 2.7 3.0 3.6 511-LPR503ALTR LPR503ALTR LGA-16 5x5x1.5mm 33.3 8.3 2.7 3.0 3.6 511-LPR510AL LPR510AL LGA-16 5x5x1.5mm 10.0 2.5 2.7 3.0 3.6 511-LPR510ALTR LPR510ALTR LGA-16 5x5x1.5mm 10.0 2.5 2.7 3.0 3.6 511-LPR5150AL LPR5150AL LGA-16 5x5x1.5mm 0.67 0.167 2.7 3.0 3.6 511-LPR5150ALTR LPR5150ALTR LGA-16 5x5x1.5mm 0.67 0.167 2.7 3.0 3.6 511-LPR530AL LPR530AL LGA-16 5x5x1.5mm 3.33 0.83 2.7 3.0 3.6 511-LPR530ALTR LPR530ALTR LGA-16 5x5x1.5mm 3.33 0.83 2.7 3.0 3.6 511-LPR550AL LPR550AL LGA-16 5x5x1.5mm 2.0 0.5 2.7 3.0 3.6 511-LPR550ALTR LPR550ALTR LGA-16 5x5x1.5mm 2.0 0.5 2.7 3.0 3.6 511-LPY403AL LPY403AL LGA-28 4x5X1mm 33.3 8.3 2.7 3.0 3.6 511-LPY410AL LPY410AL LGA-28 4x5X1mm 10.0 2.5 2.7 3.0 3.6 511-LPY4150AL LPY4150AL LGA-28 4x5X1mm 0.67 0.167 2.7 3.0 3.6 511-LPY430AL LPY430AL LGA-28 4x5X1mm 3.33 0.83 2.7 3.0 3.6 511-LPY450AL LPY450AL LGA-28 4x5X1mm 2.0 0.5 2.7 3.0 3.6 511-LPY503AL LPY503AL LGA-16 5x5x1.5mm 33.3 8.3 2.7 3.0 3.6 511-LPY503ALTR LPY503ALTR LGA-16 5x5x1.5mm 33.3 8.3 2.7 3.0 3.6 511-LPY510AL LPY510AL LGA-16 5x5x1.5mm 10.0 2.5 2.7 3.0 3.6 511-LPY510ALTR LPY510ALTR LGA-16 5x5x1.5mm 10.0 2.5 2.7 3.0 3.6 511-LPY5150AL LPY5150AL LGA-16 5x5x1.5mm 0.67 0.167 2.7 3.0 3.6 511-LPY5150ALTR LPY5150ALTR LGA-16 5x5x1.5mm 0.67 0.167 2.7 3.0 3.6 511-LPY530AL LPY530AL LGA-16 5x5x1.5mm 3.33 0.83 2.7 3.0 3.6 511-LPY530ALTR LPY530ALTR LGA-16 5x5x1.5mm 3.33 0.83 2.7 3.0 3.6 511-LPY550AL LPY550AL LGA-16 5x5x1.5mm 2.0 0.5 2.7 3.0 3.6 511-LPY550ALTR LPY550ALTR LGA-16 5x5x1.5mm 2.0 0.5 2.7 3.0 3.6 Price Each 1 10 Package Type MOUSER STOCK NO. For quantities of 500 and up, call for quote. STM Part No. Amplified Not Amplified (min) (typ) (max) Sensitivity (mV/dps) Supply Voltage 100 asia.pacific@mouser.com |
Numéro de pièce similaire - STEVAL-MKI011V1 |
|
Description similaire - STEVAL-MKI011V1 |