| Moteur de recherche de fiches techniques de composants électroniques |
|
SST58LD032 Fiches technique(PDF) 14 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST58LD032 Fiches technique(HTML) 14 Page - Silicon Storage Technology, Inc |
|
14 / 40 page ![]() 14 Data Sheet ATA-Disk Chip SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 ©2001 Silicon Storage Technology, Inc. S71167-05-000 9/01 391 2.4 I/O Transfer Function 2.4.1 I/O Function ADC permits 8-bit data access if the user issues a Set Feature Command to enable 8-bit Mode. The following table defines the function of various operations. TABLE 2-8: I/O FUNCTION Function Code CS3FX# CS1FX# A0-A2 IORD# IOWR# D15-D8 D7-D0 Invalid Mode VIL VIL X1 1. X can be VIL or VIH, but no other value. X X Undefined Undefined Standby Mode VIH VIH X X X High Z High Z Task File Write VIH VIL 1-7H VIH VIL XData In Task File Read VIH VIL 1-7H VIL VIH High Z Data Out Data Register Write VIH VIL 0VIH VIL In2 2. If 8-bit data transfer mode is enabled. In 8-bit data transfer mode, High Byte is undefined for Data Out; can be VIL or VIH, but no other value, for Data In. In Data Register Read VIH VIL 0VIL VIH Out2 Out Control Register Write VIL VIH 6H VIH VIL X Control In Alt Status Read VIL VIH 6H VIL VIH High Z Status Out Drive Address VIL VIH 7H VIL VIH High Z Data Out T2-8.1 391 |