| Moteur de recherche de fiches techniques de composants électroniques |
|
SST48CF024 Fiches technique(PDF) 28 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST48CF024 Fiches technique(HTML) 28 Page - Silicon Storage Technology, Inc |
|
28 / 60 page ![]() 28 Data Sheet CompactFlash Card SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256 ©2001 Silicon Storage Technology, Inc. S71125-03-000 9/01 375 2.6 Common Memory Transfer Function 2.6.1 Common Memory Function The Common Memory Transfer to or from the CompactFlash card can be either 8 or 16 bits. The CompactFlash card permits both 8 and 16 bit accesses to all of its Common Memory addresses. TABLE 2-17: COMMON MEMORY FUNCTION Function Code -REG -CE2 -CE1 A0 -OE -WE D15-D8 D7-D0 Standby Mode X VIH VIH X X X High Z High Z Byte Read Access (8 bits) VIH VIH VIH VIH VIL VIL VIL VIH VIL VIL VIH VIH High Z High Z Even Byte Odd Byte Byte-Write Access (8 bits) VIH VIH VIH VIH VIL VIL VIL VIH VIH VIH VIL VIL Don’t Care Don’t Care Even Byte Odd Byte Word Read Access (16 bits) VIH VIL VIL X VIL VIH Odd Byte Even Byte Word-Write Access (16 bits) VIH VIL VIL X VIH VIL Odd Byte Even Byte Odd Byte Read Only (8 bits) VIH VIL VIH X VIL VIH Odd Byte High Z Odd Byte-Write Only (8 bits) VIH VIL VIH X VIH VIL Odd Byte Don’t Care T2-17.0 375 |