| Moteur de recherche de fiches techniques de composants électroniques |
|
SST39LF080 Fiches technique(PDF) 15 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST39LF080 Fiches technique(HTML) 15 Page - Silicon Storage Technology, Inc |
|
15 / 26 page ![]() Data Sheet 8 Mbit / 16 Mbit Multi-Purpose Flash SST39LF080 / SST39LF016 / SST39VF080 / SST39VF016 15 ©2001 Silicon Storage Technology, Inc. S71146-03-000 6/01 396 FIGURE 7: TOGGLE BIT TIMING DIAGRAM FIGURE 8: WE# CONTROLLED CHIP-ERASE TIMING DIAGRAM 396 ILL F06.1 ADDRESS AMS-0 DQ6 WE# OE# CE# TOE TOEH TCE TOES TWO READ CYCLES WITH SAME OUTPUTS Note: AMS = Most significant address AMS = A19 for SST39LF/VF080 and A20 for SST39LF/VF016. 396 ILL F08.2 ADDRESS AMS-0 DQ7-0 WE# SW0 SW1 SW2 SW3 SW4 SW5 5555 2AAA 2AAA 5555 5555 55 10 55 AA 80 AA 5555 OE# CE# SIX-BYTE CODE FOR CHIP-ERASE Note: The device also supports CE# controlled Chip-Erase operation. The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 14) AMS = Most significant address AMS = A19 for SST39LF/VF080 and A20 for SST39LF/VF016. TSCE TWP |