Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST32HF802 Fiches technique(PDF) 13 Page - Silicon Storage Technology, Inc

No de pièce SST32HF802
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SST [Silicon Storage Technology, Inc]
Site Internet  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF802 Fiches technique(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST32HF802 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF802 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST32HF802 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST32HF802 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST32HF802 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST32HF802 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST32HF802 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST32HF802 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST32HF802 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF802 / SST32HF162 / SST32HF164
13
©2001 Silicon Storage Technology, Inc.
S71171-05-000
8/01
520
FIGURE 5: SRAM WRITE CYCLE TIMING DIAGRAM (UBS#, LBS# CONTROLLED)1
ADDRESSES AMSS-0
WE#
BES#
TBWS
TAWS
TWCS
TWPS
TWRS
TASTS
TBYWS
DQ15-8, DQ7-0
VALID DATA IN
NOTE 2
NOTE 2
TDSS
TDHS
UBS#, LBS#
Notes: 1. If OE# is High during the Write cycle, the outputs will remain at high impedance.
2. Because DIN signals may be in the output state at this time, input signals of reverse polarity must not be applied.
520 ILL F29.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28