Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN0402002DBVR Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce SN0402002DBVR
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Fiches technique(HTML) 21 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 17Page - Texas Instruments SN0402002DBVR Datasheet HTML 18Page - Texas Instruments SN0402002DBVR Datasheet HTML 19Page - Texas Instruments SN0402002DBVR Datasheet HTML 20Page - Texas Instruments SN0402002DBVR Datasheet HTML 21Page - Texas Instruments SN0402002DBVR Datasheet HTML 22Page - Texas Instruments SN0402002DBVR Datasheet HTML 23Page - Texas Instruments SN0402002DBVR Datasheet HTML 24Page - Texas Instruments SN0402002DBVR Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS3110E12DBVT
SOT-23
DBV
6
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110E15DBVR
SOT-23
DBV
6
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110E15DBVT
SOT-23
DBV
6
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110K33DBVR
SOT-23
DBV
6
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110K33DBVT
SOT-23
DBV
6
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS3103E12DBVR
SOT-23
DBV
6
3000
203.0
203.0
35.0
TPS3103E12DBVT
SOT-23
DBV
6
250
203.0
203.0
35.0
TPS3103E15DBVR
SOT-23
DBV
6
3000
203.0
203.0
35.0
TPS3103E15DBVT
SOT-23
DBV
6
250
203.0
203.0
35.0
TPS3103H20DBVR
SOT-23
DBV
6
3000
203.0
203.0
35.0
TPS3103H20DBVT
SOT-23
DBV
6
250
203.0
203.0
35.0
TPS3103K33DBVR
SOT-23
DBV
6
3000
182.0
182.0
20.0
TPS3103K33DBVR
SOT-23
DBV
6
3000
203.0
203.0
35.0
TPS3103K33DBVT
SOT-23
DBV
6
250
182.0
182.0
20.0
TPS3103K33DBVT
SOT-23
DBV
6
250
203.0
203.0
35.0
TPS3106E09DBVR
SOT-23
DBV
6
3000
182.0
182.0
20.0
TPS3106E09DBVT
SOT-23
DBV
6
250
182.0
182.0
20.0
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Aug-2012
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25