Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETX4080GGP Fiches technique(PDF) 20 Page - Texas Instruments

No de pièce TNETX4080GGP
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080GGP Fiches technique(HTML) 20 Page - Texas Instruments

Back Button TNETX4080GGP Datasheet HTML 16Page - Texas Instruments TNETX4080GGP Datasheet HTML 17Page - Texas Instruments TNETX4080GGP Datasheet HTML 18Page - Texas Instruments TNETX4080GGP Datasheet HTML 19Page - Texas Instruments TNETX4080GGP Datasheet HTML 20Page - Texas Instruments TNETX4080GGP Datasheet HTML 21Page - Texas Instruments TNETX4080GGP Datasheet HTML 22Page - Texas Instruments TNETX4080GGP Datasheet HTML 23Page - Texas Instruments TNETX4080GGP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 3. Port Statistics 1
TAIL
PORT NO.
HEAD
STATISTIC
EVEN
PORTS
ODD
PORTS
0
0x80xx
Receive octet
00
80
1
0x80xx
Good receive frames
04
84
2
0x81xx
Broadcast receive frames
08
88
3
0x81xx
Multicast receive frames
0C
8C
4
0x82xx
Receive CRC errors
10
90
5
0x82xx
Receive align/code errors†
14
84
6
0x83xx
Oversized receive frames
18
98
7
0x83xx
Receive jabbers
1C
9C
Reserved
0x84xx
Undersized receive frames
20
A0
NM
0x84xx
Receive fragments
24
A4
0x85xx
64-octet frames
28
A8
0x85xx
65–127 octet frames
2C
AC
0x86xx
128–255 octet frames
30
B0
0x86xx
256–511 octet frames
34
B4
0x87xx
512–1023 octet frames
38
B8
0x87xx
1024–1518 octet frames
3C
BC
0x88xx
Net octets
40
C0
0x88xx
SQE test errors†
44
C4
0x89xx
Tx octets
48
C8
0x89xx
Good transmit frames
4C
CC
Reserved
0x8Axx
Single-collision transmit frames†
50
D0
Reserved
0x8Axx
Multiple-collision transmit frames†
54
D4
0x8Bxx
Carrier sense errors†
58
D8
0x8Bxx
Deferred transmit frames†
5C
DC
0x8Cxx
Late collisions†
60
E0
0x8Cxx
Excessive collisions†
64
E4
0x8Dxx
Broadcast transmit frames
68
E8
0x8Dxx
Filtered receive frames
6C
EC
0x8Exx
Filtered receive frames
70
F0
0x8Exx
Transmit data errors
74
F4
0x8Fxx
Collisions†
78
F8
0x8Fxx
Receive overruns
7C
FC
† The NM port does not have this statistic. This address is reserved on the NM port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64