| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETX4080 Fiches technique(PDF) 44 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4080 Fiches technique(HTML) 44 Page - Texas Instruments |
|
44 / 64 page ![]() TNETX4080 ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998 44 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 port trunking example This example shows how to set up the TNETX4080 to support two port trunks. The first trunk group consists of ports 1, 3, 5, and 7 (see Table 14); the second trunk group consists of ports 0, 2, and 6 (see Table 15). Table 14. Trunk Group 0 Port Membership (Trunk0Ports Register) PORT 7 6 5 4 3 2 1 0 1 0 1 0 1 0 1 0 Table 15. Trunk Group 1 Port Membership (Trunk1Ports Register) PORT 7 6 5 4 3 2 1 0 0 1 0 0 0 1 0 1 The TrunkMapx registers are used to control the distribution of traffic across the ports within a trunk group. In this example, the traffic for trunk group 0 has been equally distributed 25% (this assumes that bits 3–1 of the MAC addresses are random enough to give an even distribution) for each of the four ports in the trunk. For any given source and destination address pair, the traffic always uses the same port within the trunk. This ensures that packets do not get disordered on the trunk ports. Note that since port 4 is not a member of any port trunk group, all the entries for this port have been set to 1. In fact, funtionally, this can be thought of as a single-port trunk (see Table 16). Table 16. TrunkMapx Register Settings (for Traffic Distribution on Trunk Groups 0 and 1) MAP TRUNK PORT INDEX 7 6 5 4 3 2 1 0 0 0 1 0 1 0 0 1 0 1 0 0 0 1 1 1 0 0 2 0 0 1 1 0 0 0 1 3 1 1 0 1 0 0 0 0 4 0 0 0 1 0 1 1 0 5 0 0 0 1 1 0 0 1 6 0 1 1 1 0 0 0 0 7 1 0 0 1 0 1 0 0 |