| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETA1575 Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETA1575 Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 45 page ![]() TNETA1575 ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES SDNS040C – MAY 1996 – REVISED JUNE 1998 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 connecting the TNETA1575 to the UTOPIA bus (See Figure 1 and Note A) Switch Port or Other PHY Layer Devices TNETA1575 PHY mode ATMCLK1 (82) ATMCLK2 (64) RESCLK (66) RESDATA7–RESDATA0 (72–75, 77–80) TXData TXClk RESSOC (70) TXSoc RESEN (67) TXEnb RESCLAV (69) TXFull/TXClav RESPAR (71) TXPrty RESPERR (81) SEGCLK (95) RXClk SEGDATA7–SEGDATA0 (84–87, 89–92) RXData SEGSOC (97) RXSoc SEGEN (96) RXEnb SEGCLAV (98) RXEmpty/RXClav SEGPAR (94) RXPrty VCC PHY/ATM (83) TNETA1585 PHY mode RXCLK (24) RXDATA7–RXDATA0 (10, 12–13, 15–18, 20) RXSOC (21) RXEMPTY/RXCLAV (22) RXEN (23) GND CONFIG(9) UTOPIA Bus TXData7–TXData0 TXSoc TXEnb TXFull/TXClav NOTE A: Figures 1 and 2 show the interconnections needed to interface to a TNETA1585 device. If the TNETA1575 is operated without the external scheduler device, then the lines going to the TNETA1585 are ignored, and everything remains as depicted above. CLOCK (26) Figure 1. UTOPIA Bus Connections In PHY Mode |