| Moteur de recherche de fiches techniques de composants électroniques |
|
Y-CONC-R62CU-RJ2L-2000-A Fiches technique(PDF) 27 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R62CU-RJ2L-2000-A Fiches technique(HTML) 27 Page - YAMAHA CORPORATION |
|
27 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 26 Description: IP67/68/69K EMI RJ45 Field kit for self-assembly IP67/68/69K EMV RJ45 Konfektionierungs-Kit zur Selbstmontage Description: IP67/68/69K RJ45 field kit for self-assembly IP67/68/69K RJ45 Konfektionierungs-Kit zur Selbstmontage Part Number Cover Terminator Cap Plug Signal Contacts Power Contacts Y-ConKit-20 Y-ConCover-10 Y-ConAS-23 Y-ConPlug-11 4 (Ethernet) 0 Y-ConKit-20-B Y-ConCover-10-B Y-ConAS-23-B Y-ConPlug-11 4 (Ethernet) 0 Y-ConKit-21 Y-ConCover-10 Y-ConAS-23 Y-ConPlug-21 4 (Ethernet) 2 Y-ConKit-21-B Y-ConCover-10-B Y-ConAS-23-B Y-ConPlug-21 4 (Ethernet) 2 Y-ConKit-21-B-LT Y-ConCover-10-B-LT Y-ConAS-23-B Y-ConPlug-21 4 (Ethernet) 2 Y-ConKit-23 Y-ConCover-10 Y-ConAS-23 Y-ConPlug-31 6 2 Y-ConKit-24 Y-ConCover-10 Y-ConAS-23 Y-ConPlug-41 8 0 Y-ConKit-24-B Y-ConCover-10-B Y-ConAS-23-B Y-ConPlug-41 8 0 Y-ConKit-24-B-LT Y-ConCover-10-B-LT Y-ConAS-23-B Y-ConPlug-41 8 0 Y-ConKit-26 Y-ConCover-10 Y-ConAS-23 Y-ConPlug-51 8 2 Part Number Cover Terminator Cap Plug Signal Contacts Power Contacts Y-ConKit-21-E Y-ConCover-10-E Y-ConAS-23 Y-ConPlug-21 4 (Ethernet) 2 Y-ConKit-21-B-E Y-ConCover-10-B-E Y-ConAS-23-B Y-ConPlug-21 4 (Ethernet) 2 Series See table below Series See table below Series See table below Y-ConKit - 2* Y-ConKit - 3* Y-ConKit - 2* Part Number (Details) Part Number (Details) Part Number (Details) Y-ConCover-10-E Y-ConCover-10-B-E (black) Y-ConAS-22 Y-ConAS-22 IP67 / 68 / 69K Field Kits IP67 / 68 / 69K Field Kits (EMI) IP67 / 68 / 69K Flange Field Kits Description: IP67/68/69K RJ45 Flange field kit for self-assembly IP67 RJ45 Flansch Konfektionierungs-Kit zur Selbstmontage Part Number Flange Protection Cap Y-ConKit-30 Y-ConFlange-10 Y-ConAS-24 Y-ConKit-30-B Y-ConFlange-10-B Y-ConAS-24 Y-ConAS-24 Y-ConFlange-10 Y-ConFlange-10-B (black) Y-Con Stopper Y-Con Stopper Y-ConAS-23 Y-ConAS-23-B (black) Y-ConAS-23 Y-ConAS-23-B (black) Y-ConPlug-** Y-ConPlug-** Y-ConCover-10 Y-ConCover-10-B (black) Insert Insert |