| Moteur de recherche de fiches techniques de composants électroniques |
|
SR152C104FARAP1 Fiches technique(PDF) 6 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
SR152C104FARAP1 Fiches technique(HTML) 6 Page - AVX Corporation |
|
6 / 14 page ![]() 20 Radial Leads/SkyCap ®/SL Series C0G (NP0) Dielectric SIZE AND CAPACITANCE SPECIFICATIONS EIA Characteristic Dimensions: Millimeters (Inches) For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory. *Other capacitance values available upon special request. NOTE: Capacitance Ranges available for SL12 same as SL15 SL62 same as SL21 SL64 same as SL30 SL89 same as SL21 = Industry preferred values = SL20 only 200 100 50 200 100 50 200 100 50 200 100 50 100 50 100 50 100 50 AVX Style SL15 SL20 SL21 SL22 SL27 SL30 SL40 SL50 AVX “Insertable” SL07 SL29 SL59 N/A N/A SL65 SL75 N/A Width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (W) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) Height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (H) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) Thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (T) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) Lead Spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (L.S.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) Lead Diameter .508 .508 .508 .508 .508 .508 .508 .635 (L.D.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) Cap. in.* Industry Preferred WVDC WVDC WVDC WVDC WVDC WVDC WVDC WVDC pF Values in Blue 200 100 50 1.0-9.9 SL151A1R0DAB 10 SL151A100KAB 15 SL-----A150KAB 22 SL-----A220KAB 33 SL-----A330KAB 39 SL-----A390KAB 47 SL-----A470KAB 68 SL-----A680KAB 100 SL151A101KAB 150 SL-----A151KAB 220 SL-----A221KAB 330 SL-----A331KAB 390 SL-----A391KAB 470 SL-----A471KAB 680 SL-----A681KAB 1000 SL211A102KAB 1500 SL-----A152KAB 2200 SL-----A222KAB 3900 SL-----A392KAB 4700 SL-----A472KAB 6800 SL-----A682KAB 8200 SL-----A822KAB 10,000 SL305A103KAB 15,000 SL-----A153KAB 22,000 SL-----A223KAB 33,000 SL-----A333KAB 39,000 SL-----A393KAB 47,000 SL-----A473KAB 68,000 SL-----A683KAB 100,000 SL-----A104KAB |