| Moteur de recherche de fiches techniques de composants électroniques |
|
Y-CONC-R62CU-RJ6M-2000-A Fiches technique(PDF) 2 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R62CU-RJ6M-2000-A Fiches technique(HTML) 2 Page - YAMAHA CORPORATION |
|
2 / 42 page ![]() Table of Contents + The technical data and specifications of the products shown in this catalogue are for reference only, and apply to products available at the time of catalogue printing in Nov 2010. Product modification often involves changes to technical data and size, and it is therefore recommended that the buyer request the latest technical specifications and terms of delivery before placing a purchasing contract. Y-ConRJ45 system overview .............................................................................................. inside cover IP67/68/69K protected components for Y-Con RJ45 Cover, metal housing and transport cap ........................................................... 2 Cover EMI version, metal housing and transport cap ....................................... 3 Full metal cover and transport cap..................................................................... 4 Full metal cover EMI version and transport cap................................................. 5 Mounting flange, transport cap and punch ........................................................ 6 Full metal mounting flange, transport cap and punch........................................ 7 Industrial RJ45 plugs RJ45 cable plug, standard strain relief and transport cap .................................. 8 IP20 protected components for Y-Con RJ45 Locking system (180°) with holding frames ...................................................... 9 Metal cover EMI version and transport cap ....................................................... 10 Locking system (90°) with locking slider............................................................ 11 RJ45 cable assemblies ....................................................................................................... 12 - 13 Industrial RJ45 jacks............................................................................................................ 14 - 22 Assembly tools .................................................................................................................... 23 Industrial cables................................................................................................................... 24 - 25 Field kits for Y-Con RJ45 ..................................................................................................... 26 - 27 Industrial peripherals Outlet ................................................................................................................. 28 Terminal ............................................................................................................. 28 Coupler............................................................................................................... 29 Ethernet switch.................................................................................................. 29 Y-Con with M8 / M12 cable assemblies ............................................................................. 30 - 31 Y-ConProfiNet ...................................................................................................................... 32 Y-ConUSB Memory stick ..................................................................................................... 33 Mounting flange and adapter ............................................................................. 34 PCB mounted jacks, coupler jacks..................................................................... 35 Cable assemblies ............................................................................................... 36 -37 Y-ConIEEE Cable assemblies ............................................................................................... 38 Mounting flange, adapter and PCB mounted jack ............................................. 39 Product tests ...................................................................................................................... 40 Part number details ............................................................................................................. back pages Y-ConUSB system overview ............................................................................................... back cover |