Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1525 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM1525
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1525 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM1525 Datasheet HTML 19Page - STMicroelectronics UM1525 Datasheet HTML 20Page - STMicroelectronics UM1525 Datasheet HTML 21Page - STMicroelectronics UM1525 Datasheet HTML 22Page - STMicroelectronics UM1525 Datasheet HTML 23Page - STMicroelectronics UM1525 Datasheet HTML 24Page - STMicroelectronics UM1525 Datasheet HTML 25Page - STMicroelectronics UM1525 Datasheet HTML 26Page - STMicroelectronics UM1525 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
UM1525
Hardware and layout
Doc ID 022910 Rev 2
23/41
PB4
1_MISO / 1_MCK,
3_CH1,
TSC_G5_IO2,
EVENTOUT
56
10
PB5
1_MOSI / 1_SD,
1_SMBA,
16_BKIN,
3_CH2
57
9
PB6
1_SCL,
1_TX,
16_CH1N,
TSC_G5_IO3
58
8
PB7
1_SDA,
1_RX,
17_CH1N,
TSC_G5_IO4
59
7
PB8
1_SCL,
CEC,
16_CH1,
TSC_SYNC
61
4
PB9
1_SDA,
IR_EVENTOUT,
17_CH1,
EVENTOUT
62
3
PB10
2_SCL,
CEC,
2_CH3,
SYNC
29
30
PB11
2_SDA,
2_CH4,
G6_IO1,
EVENTOUT
30
31
PB12
2_NSS,
1_BKIN,
G6_IO2,
EVENTOUT
33
32
PB13
2_SCK,
1_CH1N,
G6_IO3
34
32
Table 6.
MCU pin description versus board function (page 4 of 7)
MCU pin
Board function
Main
function
Alternate
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41