| Moteur de recherche de fiches techniques de composants électroniques |
|
XIO2221 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
XIO2221 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 196 page ![]() XIO2221 www.ti.com SCPS216A – JULY 2009 – REVISED FEBRAURY 2010 2.6 Terminal Descriptions The following tables give a description of the terminals. These terminals are grouped in tables by functionality. Each table includes the terminal name, terminal number, I/O type, and terminal description. The following list describes the different input/output cell types that appear in the terminal description tables: • HS DIFF IN = High-speed differential input • HS DIFF OUT = High-speed differential output • LV CMOS = 3.3-V low-voltage CMOS input or output with 3.3-V clamp rail • BIAS = Input/output terminal that generate a bias voltage to determine a driver's operating current • Feedthrough = Terminals that connect directly to macros within the part and not through an input or output cell • PWR = Power terminal • GND = Ground terminal Copyright © 2009–2010, Texas Instruments Incorporated Overview 21 Submit Documentation Feedback Product Folder Link(s): XIO2221 |