| Moteur de recherche de fiches techniques de composants électroniques |
|
SR155E104FAR Fiches technique(PDF) 7 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
SR155E104FAR Fiches technique(HTML) 7 Page - AVX Corporation |
|
7 / 14 page ![]() 21 Radial Leads/SkyCap ®/SL Series X7R Dielectric AVX Style SL15 SL20 SL21 SL22 SL27 SL30 SL40 SL50 AVX “Insertable” SL07 SL29 SL59 N/A N/A SL65 SL75 N/A Width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (W) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) Height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (H) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) Thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (T) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) Lead Spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (L.S.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) Lead Diameter .508 .508 .508 .508 .508 .508 .508 .635 (L.D.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) Cap. in.* Industry Preferred WVDC WVDC WVDC WVDC WVDC WVDC WVDC WVDC pF Values in Blue 200 100 50 200 100 50 200 100 50 100 50 100 50 200 100 50 200 100 50 200 100 50 470 SL-----C471KAA 1000 SL155C102KAA 1500 SL-----C152KAA 2200 SL-----C222KAA 3300 SL-----C332KAA 4700 SL-----C472KAA 6800 SL-----C682KAA 10,000 SL215C103KAA 15,000 SL-----C153KAA 22,000 SL-----C223KAA 33,000 SL-----C333KAA 47,000 SL-----C473KAA 68,000 SL-----C683KAA 100,000 SL215C104KAA 150,000 SL-----C154KAA 220,000 SL215C224KAA 330,000 SL-----C334KAA 390,000 SL-----C394KAA 470,000 SL305C474KAA 1.0 uF SL305C105KAA 2.2 uF SL405C225KAA 2.7 uF SL505C275KAA 4.7 uF SL505C475KAA 10.0 uF SL655C106KAA = Industry preferred values = Extended range = Extended range with 0.150" thickness maximum For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory. SIZE AND CAPACITANCE SPECIFICATIONS EIA Characteristic Dimensions: Millimeters (Inches) |