Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AAA Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce AAA
Description  Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AAA Fiches technique(HTML) 4 Page - Silicon Laboratories

  AAA Datasheet HTML 1Page - Silicon Laboratories AAA Datasheet HTML 2Page - Silicon Laboratories AAA Datasheet HTML 3Page - Silicon Laboratories AAA Datasheet HTML 4Page - Silicon Laboratories AAA Datasheet HTML 5Page - Silicon Laboratories AAA Datasheet HTML 6Page - Silicon Laboratories AAA Datasheet HTML 7Page - Silicon Laboratories AAA Datasheet HTML 8Page - Silicon Laboratories AAA Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Si4010-RC-DEMO
4
Rev. 0.2
5. Receive Side Program
The 8051F930 MCU on the RFStick transmitter board is factory-programmed with the stx_demo program. Since
the program is programmed in flash memory, it can be overwritten using a Silicon Labs Toolstick Base Adapter that
is part of the Si4010 development kit or can be ordered separately as well (P/N Toolstick_BA). The complete
stx_demo software project can be found in the example programs package of the Si4355. It is available at the web
page http://www.silabs.com/products/wireless/EZRadio/Pages/Si4355.aspx on the Tools tab.
The receiver prgoram configures and controls the Si4355 receiver chip via the SPI bus. The Si4355 receives the
packets transmitted by the keyfob, checks the preamble, the syn bytes and the CRC. If the packet is OK, the
program flashes the LEDs according to the button information in the status byte of the received packet.
6. Schematics
Schematics of the transmitter and receiver boards of the kit can be seen on the following pages. Complete
manufacturing file pack with CAD/CAM files and BOMs can be found at http://www.silabs.com.



Html Pages

1 2 3 4 5 6 7 8 9 10