Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNR008 Fiches technique(PDF) 2 Page - SONiX Technology Company

No de pièce SNR008
Description  8M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR008 Fiches technique(HTML) 2 Page - SONiX Technology Company

  SNR008 Datasheet HTML 1Page - SONiX Technology Company SNR008 Datasheet HTML 2Page - SONiX Technology Company SNR008 Datasheet HTML 3Page - SONiX Technology Company SNR008 Datasheet HTML 4Page - SONiX Technology Company SNR008 Datasheet HTML 5Page - SONiX Technology Company SNR008 Datasheet HTML 6Page - SONiX Technology Company SNR008 Datasheet HTML 7Page - SONiX Technology Company SNR008 Datasheet HTML 8Page - SONiX Technology Company SNR008 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SNR008
8M-bit Mask ROM
AMENDENT HISTORY
Version
Date
Description
Ver 1.0
March 11, 2003
V1.0 first issue
Ver 1.1
April 18, 2003
Modify the pin assignment table
Add bonding pad information & application circuit
Ver 1.2
April 21, 2003
Modify application circuit & bonding pad information
Ver 1.3
August 29, 2003
Modify operation current from typ.4mA -> MAX. 4mA
Modify access time Max = 200ns in
Electrical Characteristic
Ver. 1.3
August 29, 2003
2



Html Pages

1 2 3 4 5 6 7 8 9