Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC569 Fiches technique(PDF) 4 Page - SONiX Technology Company

No de pièce SNC569
Description  Two Channel Direct Drive Speech Controller?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC569 Fiches technique(HTML) 4 Page - SONiX Technology Company

  SNC569 Datasheet HTML 1Page - SONiX Technology Company SNC569 Datasheet HTML 2Page - SONiX Technology Company SNC569 Datasheet HTML 3Page - SONiX Technology Company SNC569 Datasheet HTML 4Page - SONiX Technology Company SNC569 Datasheet HTML 5Page - SONiX Technology Company SNC569 Datasheet HTML 6Page - SONiX Technology Company SNC569 Datasheet HTML 7Page - SONiX Technology Company SNC569 Datasheet HTML 8Page - SONiX Technology Company SNC569 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SNC569
Two Channel Direct Drive Speech Controller
5.6. I/O Ports
P1 is a 4-bit input port, P2/P3/P6 are three 4-bit I/O ports and P4/P5 are two 4-bit
output ports. Any bit of P2, P3 and P6 can be programmed as either input or output
port individually. Any valid data transition (H
L or L H) of P1, P2, P3 and P6
can reactivate the chip when the chip is in power-down mode.
To Internal Data Bus
Read Control
PAD
Weak
Input Port Configuration (P10~P13)
Port Data
Port Status
To Internal Data Bus
Read Control
PAD
Weak
I/O Port Configuration (P20~P23, P30~P33, P60~P63)
Ver: 1.3
August 26, 2003
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12