Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP79511 Fiches technique(PDF) 10 Page - Micro Analog systems

No de pièce MCP79511
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP79511 Fiches technique(HTML) 10 Page - Micro Analog systems

Back Button MCP79511 Datasheet HTML 6Page - Micro Analog systems MCP79511 Datasheet HTML 7Page - Micro Analog systems MCP79511 Datasheet HTML 8Page - Micro Analog systems MCP79511 Datasheet HTML 9Page - Micro Analog systems MCP79511 Datasheet HTML 10Page - Micro Analog systems MCP79511 Datasheet HTML 11Page - Micro Analog systems MCP79511 Datasheet HTML 12Page - Micro Analog systems MCP79511 Datasheet HTML 13Page - Micro Analog systems MCP79511 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 10
Preliminary
 2012 Microchip Technology Inc.
3.3
Write Enable (EEWREN) and Write
Disable (EEWRDI)
The MCP795XX contains a write enable latch.
This latch must be set before any EEWRITE,
SRWRITE and IDWRITE operation will be completed
internally. The EEWREN instruction will set the latch, and
the EEWRDI will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
• Power-up
• EEWRDI instruction successfully executed
• SRWRITE instruction successfully executed
• EEWRITE instruction successfully executed
• IDWRITE instruction successfully executed
FIGURE 3-4:
WRITE ENABLE SEQUENCE (EEWREN)
FIGURE 3-5:
WRITE DISABLE SEQUENCE (EEWRDI)
SCK
0
2
34
56
7
1
SI
High-Impedance
SO
CS
01
00
00
0
1
SCK
0
2345
67
1
SI
High-Impedance
SO
CS
01
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50