Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP79520 Fiches technique(PDF) 34 Page - Micro Analog systems

No de pièce MCP79520
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAS [Micro Analog systems]
Site Internet  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP79520 Fiches technique(HTML) 34 Page - Micro Analog systems

Back Button MCP79520 Datasheet HTML 30Page - Micro Analog systems MCP79520 Datasheet HTML 31Page - Micro Analog systems MCP79520 Datasheet HTML 32Page - Micro Analog systems MCP79520 Datasheet HTML 33Page - Micro Analog systems MCP79520 Datasheet HTML 34Page - Micro Analog systems MCP79520 Datasheet HTML 35Page - Micro Analog systems MCP79520 Datasheet HTML 36Page - Micro Analog systems MCP79520 Datasheet HTML 37Page - Micro Analog systems MCP79520 Datasheet HTML 38Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 34
Preliminary
 2012 Microchip Technology Inc.
FIGURE 9-8:
BOARD LAYOUT
Gerber files are available on request. Please contact
your Microchip Sales representative.
It is required that the final application should be tested
with the chosen crystal and capacitor combinations
across all operating and environmental conditions.
Please also consult with the crystal specification to
observe correct handling and reflow conditions and for
information on ideal capacitor values.
For more information please see the RTCC Best
Practices AN1365 (DS01365).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50