Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B82789C0104H002 Fiches technique(PDF) 6 Page - EPCOS

No de pièce B82789C0104H002
Description  SIMDAD 1812, common-mode chokes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B82789C0104H002 Fiches technique(HTML) 6 Page - EPCOS

Back Button B82789C0104H002 Datasheet HTML 2Page - EPCOS B82789C0104H002 Datasheet HTML 3Page - EPCOS B82789C0104H002 Datasheet HTML 4Page - EPCOS B82789C0104H002 Datasheet HTML 5Page - EPCOS B82789C0104H002 Datasheet HTML 6Page - EPCOS B82789C0104H002 Datasheet HTML 7Page - EPCOS B82789C0104H002 Datasheet HTML 8Page - EPCOS B82789C0104H002 Datasheet HTML 9Page - EPCOS B82789C0104H002 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Sample kit available. Ordering code: B82789X001
For more information refer to chapter “Sample kits”.
1) Replace the two last digits “02” by “52” for Ni-barrier-plated terminals.
LR
Lstray,typ IR
Rmax
TR
Ordering code
μH
μHmA
m
Ω
°C
Gold-plated terminals
Tinned terminals
B82789C0/S0*N (operating temperature: –55 … +125 °C)
11
0.06
300
250
85
B82789C0113N001
B82789C0113N002
22
0.10
250
580
85
B82789C0223N001
B82789C0223N002
22
3.0
250
580
85
B82789S0223N001
B82789S0223N002
51
0.10
250
550
85
B82789C0513N001
B82789C0513N002
100
0.25
150
1500
85
B82789C0104N001
B82789C0104N002
B82789C0/S0*H (operating temperature: –55 … +150 °C)
11
0.06
300
250
110
B82789C0113H001
B82789C0113H0021)
22
0.10
250
580
110
B82789C0223H001
B82789C0223H0021)
22
3.0
250
580
110
B82789S0223H001
B82789S0223H0021)
51
0.10
250
550
110
B82789C0513H001
B82789C0513H0021)
100
0.25
150
1500
110
B82789C0104H001
B82789C0104H0021)
B82789C0/S0
Data and signal line chokes
SIMDAD 1812, common-mode chokes



Html Pages

1 2 3 4 5 6 7 8 9 10 11